Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSR3
Description  SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR3 Datasheet(HTML) 4 Page - STMicroelectronics

  STSR3 Datasheet HTML 1Page - STMicroelectronics STSR3 Datasheet HTML 2Page - STMicroelectronics STSR3 Datasheet HTML 3Page - STMicroelectronics STSR3 Datasheet HTML 4Page - STMicroelectronics STSR3 Datasheet HTML 5Page - STMicroelectronics STSR3 Datasheet HTML 6Page - STMicroelectronics STSR3 Datasheet HTML 7Page - STMicroelectronics STSR3 Datasheet HTML 8Page - STMicroelectronics STSR3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STSR3
4/12
ELECTRICAL CHARACTERISTICS (VCC=5V, CK= 250kHz, duty-cycle=50%, VINHIBIT =-200mV, TJ =-40
to 125°C, unless otherwise specified.)
Note1: tR is measured between 10% and 90% of the final voltage; tF is measured between 90% and 10% on the initial voltage
Note2: Parameter guaranteed by design
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT AND UNDER VOLTAGE LOCK OUT
VCCON
Start Threshold
3.8
4
V
VCCOFF
Turn OFF Threshold After
Start
3.5
3.6
V
VZ
Zener Voltage
CK=0V
IZ = 2mA
5.5
5.8
6
V
ICC
Unloaded Supply Current
OUTGATE= no load
15
20
mA
CK=0V
OUTGATE= no load
3
5
GATE DRIVER OUTPUTS
VOL
Output Low Voltage
IOUTGATE=-200mA
0.10
0.16
V
VOH
Output High Voltage
IOUTGATE=200mA
4.70
4.85
V
IOUT
Output Source Peak
Current
2A
Output Sink Peak Current
3.5
ROUT
Output Series Source
Resistance
IOUTGATE=-200mA
0.75
1.5
Output Series Sink
Resistance
IOUTGATE=200mA
0.5
0.8
tR
OUTGATE Rise Time
CLOAD=5nF (Note 1)
40
ns
tF
OUTGATE Fall Time
CLOAD=5nF (Note 1)
30
ns
tP
Clock Propagation Delay to
Turn ON of OUTGATE
No Load
50
ns
TURN-OFF ANTICIPATION TIME
tANT
OUTGATE Turn-off
Anticipation Time
VANT = 0 to 1/3VCC; no load
75
ns
VANT = 1/3VCC to 2/3VCC; no load
150
VANT = 2/3VCC to VCC; no load
225
ISETANT
Leakage Current (Note 2)
-0.1
0.1
µA
INHIBIT OUTGATE ENABLE
VH
Threshold Voltage
TJ = 25°C
-30
-25
mV
IH
Leakage Current (Note 2)
VINHIBIT = 200mV
-400
nA
VINHIBIT = -200mV
1
µA
tON(GATE) Minimum OUTGATE On time VINHIBIT = +200mV
250
ns
SYNCHRONIZATION INPUT
VCK
Reference Voltage
TJ = 25°C
2.6
2.8
V
DOFF
Duty Cycle Shut Down
TJ = 25°C
13
14
%
Duty Cycle Turn ON after
Shut Down
TJ = 25°C
18
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com