Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT4NF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT4NF30L
Description  N - CHANNEL 30V - 0.055ohm - 4A - TSOP-6 STripFET MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT4NF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STT4NF30L Datasheet HTML 1Page - STMicroelectronics STT4NF30L Datasheet HTML 2Page - STMicroelectronics STT4NF30L Datasheet HTML 3Page - STMicroelectronics STT4NF30L Datasheet HTML 4Page - STMicroelectronics STT4NF30L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STT4NF30L
N - CHANNEL 30V - 0.055
Ω - 4A - TSOP-6
STripFET
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.055
Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process.The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC4
A
ID
Drain Current (continuous) at Tc =100
oC2.5
A
IDM (
•)
Drain Current (pulsed)
16
A
Ptot
T otal Dissipat ion at Tc =25
oC2
W
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STT4NF 30L
30 V
< 0.065
Ω
4A
November 1998
TSOP-6
1/5


Similar Part No. - STT4NF30L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STT432S SAMHOP-STT432S Datasheet
196Kb / 7P
Super high dense cell design for low RDS(ON).
logo
SeCoS Halbleitertechnol...
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
logo
SamHop Microelectronics...
STT4660 SAMHOP-STT4660 Datasheet
196Kb / 7P
Super high dense cell design for low RDS(ON).
STT468A SAMHOP-STT468A Datasheet
132Kb / 8P
Super high dense cell design for low RDS(ON).
logo
List of Unclassifed Man...
STT49 ETC2-STT49 Datasheet
589Kb / 4P
Thyristor-Thyristor Modules
More results

Similar Description - STT4NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STS3DNF30L STMICROELECTRONICS-STS3DNF30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
Dec-1998
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET
Aug-2002
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STT5NF30L STMICROELECTRONICS-STT5NF30L Datasheet
258Kb / 8P
N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
Mar-2003
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com