Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS95B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS95B
Description  4-bit Parallel Access Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS95B Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS95B Datasheet HTML 1Page - Renesas Technology Corp HD74LS95B Datasheet HTML 2Page - Renesas Technology Corp HD74LS95B Datasheet HTML 3Page - Renesas Technology Corp HD74LS95B Datasheet HTML 4Page - Renesas Technology Corp HD74LS95B Datasheet HTML 5Page - Renesas Technology Corp HD74LS95B Datasheet HTML 6Page - Renesas Technology Corp HD74LS95B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74LS95B
Rev.4.00, May 10, 2006, page 5 of 6
Testing Table
Inputs
Outputs
Item
From
input to
output
CK-1
CK-2
Mode
control
Serial
Inputs
A
B
C
D
QA
QB
QC
QD
CK-1
→ Q
IN
4.5 V
0 V
IN
4.5 V
4.5 V
4.5 V
4.5 V
OUT
OUT
OUT
OUT
fmax
CK-2
→ Q 4.5 V
IN
4.5 V
4.5 V
IN
IN
IN
IN
OUT
OUT
OUT
OUT
CK-1
→ Q
IN
4.5 V
0 V
IN
4.5 V
4.5 V
4.5 V
4.5 V
OUT
OUT
OUT
OUT
tPLH
tPHL
CK-2
→ Q 4.5 V
IN
4.5 V
4.5 V
IN
IN
IN
IN
OUT
OUT
OUT
OUT
Waveform
Outputs
QA, QB, QC or QD
Clock1 or 2
Input
Data
Input
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tsu
tw (ck)
tsu
th
tw (data)
tTHL
tTLH
th
tPHL
tPLH
10%
90%
10%
90%
VOH
VOL
0V
3V
0V
3V
Note:
Input pulse; tTLH, tTHL
≤ 10 ns, Data PRR = 500 kHz, Clock PRR = 1 MHz,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com