Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS95B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS95B
Description  4-bit Parallel Access Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS95B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS95B Datasheet HTML 1Page - Renesas Technology Corp HD74LS95B Datasheet HTML 2Page - Renesas Technology Corp HD74LS95B Datasheet HTML 3Page - Renesas Technology Corp HD74LS95B Datasheet HTML 4Page - Renesas Technology Corp HD74LS95B Datasheet HTML 5Page - Renesas Technology Corp HD74LS95B Datasheet HTML 6Page - Renesas Technology Corp HD74LS95B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74LS95B
Rev.4.00, May 10, 2006, page 2 of 6
Function Table
Inputs
Outputs
Clocks
Parallel
Mode
control
2(L)
1(R)
Serial
A
B
C
D
QA
QB
QC
QD
H
H
X
X
X
X
X
X
QAO
QBO
QCO
QDO
H
↓
X
X
a
b
c
d
a
b
c
d
H
↓
X
X
QB*
QC*
QD*
d
QBn
QCn
QDn
d
L
L
H
X
X
X
X
X
QAO
QBO
QCO
QDO
L
X
↓
H
X
X
X
X
H
QAn
QBn
QCn
L
X
↓
L
X
X
X
X
L
QAn
QBn
QCn
↑
L
L
X
X
X
X
X
QAO
QBO
QCO
QDO
↓
L
L
X
X
X
X
X
QAO
QBO
QCO
QDO
↓
L
H
X
X
X
X
X
QAO
QBO
QCO
QDO
↑
H
L
X
X
X
X
X
QAO
QBO
QCO
QDO
↑
H
H
X
X
X
X
X
QAO
QBO
QCO
QDO
Notes: 1. H; high level, L; low level, X; irrelevant
2.
↑; transition from low to high level
3.
↓; transition from high to low level
4. a to d; the level of steady-state input at inputs A, B, C, or D, respectively.
5. QAO to QDO; the level of QA, QB, QC, or QD, respectively, before the indicated steady-state input conditions
were established.
6. QAn to QDn; the level of QA, QB, QC, or QD, respectively, before the most-recent (
↑) transition of the clock.
7. *; Shifting left require external connection of QB to A, QC to B, and QD to C. Serial data is entered at input D.
Block Diagram
Outputs
QC
Data Inputs
Mode
Control
Serial
Input
Clock2
Left-shift
Clock1
Right -shift
QB
QD
A
BCD
QA
CK
S
R
QA
CK
S
R
QB
CK
S
R
QC
CK
S
R
QD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com