Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS95B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS95B
Description  4-bit Parallel Access Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS95B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS95B Datasheet HTML 1Page - Renesas Technology Corp HD74LS95B Datasheet HTML 2Page - Renesas Technology Corp HD74LS95B Datasheet HTML 3Page - Renesas Technology Corp HD74LS95B Datasheet HTML 4Page - Renesas Technology Corp HD74LS95B Datasheet HTML 5Page - Renesas Technology Corp HD74LS95B Datasheet HTML 6Page - Renesas Technology Corp HD74LS95B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.4.00, May 10, 2006, page 1 of 6
HD74LS95B
4-bit Parallel Access Shift Register
REJ03D0424-0400
Rev.4.00
May 10, 2006
The 4-bit register features parallel and serial inputs, parallel outputs, mode control, and two clock inputs. The register
has three mode operation:
• Parallel (broadside) load
• Shift right (the direction Q
A toward QD)
• Shift left (the direction Q
D toward QA)
Parallel loading is accomplished by applying the four bits of data and taking the mode control input high. The data is
loaded into the associated flip-flops and appears at the outputs after the high-to-low transition of the clock-2 input.
During loading, the entry of serial data is inhibited. Shift right is accomplished on the high-to-low transition of clock-1
when the mode control is low; shift left is accomplished on the high-to-low transition of clock-2 when the mode control
is high by connecting the output of each flip-flop to the parallel input of the previous flip-flop (QD to input C, etc.) and
serial data is entered at input D. The clock input may be applied commonly to clock-1 and clock-2 if both modes can be
clocked from the same source. Changes at the mode control inputs are low; however, conditions described in the last
three lines of the function table will also ensure that register contents are protected.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS95BFPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Pin Arrangement
(Top view)
GND
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Serial Input
Serial Input
A
A
B
B
C
C
D
D
Mode Control
Mode
VCC
QA
QA
QB
QB
QC
QC
Clock1
R-Shift
CK1
QD
QD
Clock2
L-Shift (Load)
CK2
Outputs
Inputs


Similar Part No. - HD74LS95B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS95B HITACHI-HD74LS95B Datasheet
89Kb / 7P
4-bit Parallel Access Shift Registers
HD74LS95B HITACHI-HD74LS95B Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS95B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
4-bit parallel-access shift register
1996 Mar 12
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
8-bit parallel-access shift register
June 15, 1988
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
4-bit parallel access shift register
December 1990
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
4-bit Parallel-Access Shift Register
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
4-bit Parallel-Access Shift Register
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
4-bit Parallel Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
4-bit Parallel-Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
4-bit Parallel-Access Shift Register
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com