Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA112
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA112 Datasheet(HTML) 1 Page - STMicroelectronics

  STTA112 Datasheet HTML 1Page - STMicroelectronics STTA112 Datasheet HTML 2Page - STMicroelectronics STTA112 Datasheet HTML 3Page - STMicroelectronics STTA112 Datasheet HTML 4Page - STMicroelectronics STTA112 Datasheet HTML 5Page - STMicroelectronics STTA112 Datasheet HTML 6Page - STMicroelectronics STTA112 Datasheet HTML 7Page - STMicroelectronics STTA112 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TURBOSWITCH is a trademark of STMicroelectronics
November 1999 - Ed: 5A
SPECIFIC TO THE FOLLOWING OPERATIONS:
SNUBBING OR CLAMPING, DEMAGNETIZATION
AND RECTIFICATION
ULTRA-FAST AND SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
HIGH FREQUENCY OPERATION
HIGH REVERSE VOLTAGE CAPABILITY
FEATURES AND BENEFITS
TURBOSWITCH 1200V drastically cuts losses in
all high voltage operationswhich require extremely
fast, soft and noise-free power diodes.
Due to their optimized switching performances
they also highly decrease power losses in any
associated switching IGBT or MOSFET in all
freewheel mode operations.
They are particularly suitable in motor control
circuitries, or in primary of SMPS as snubber,
clamping or demagnetizing diodes. They are also
suitablefor the secondaryof SMPSas high voltage
rectifier diodes.
DESCRIPTION
IF(AV)
1A
VRRM
1200V
trr (typ)
65ns
VF (max)
1.5V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
IF(RMS)
RMS forward current
6
A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
10
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
20
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
125
°C
ABSOLUTE RATINGS (limiting values)
STTA112U
®
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODE
SMB
1/8


Similar Part No. - STTA112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA106 STMICROELECTRONICS-STTA106 Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA106RL STMICROELECTRONICS-STTA106RL Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA106U STMICROELECTRONICS-STTA106U Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA12006TV1 STMICROELECTRONICS-STTA12006TV1 Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA12006TV2 STMICROELECTRONICS-STTA12006TV2 Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results

Similar Description - STTA112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com