Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA112 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA112
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA112 Datasheet(HTML) 2 Page - STMicroelectronics

  STTA112 Datasheet HTML 1Page - STMicroelectronics STTA112 Datasheet HTML 2Page - STMicroelectronics STTA112 Datasheet HTML 3Page - STMicroelectronics STTA112 Datasheet HTML 4Page - STMicroelectronics STTA112 Datasheet HTML 5Page - STMicroelectronics STTA112 Datasheet HTML 6Page - STMicroelectronics STTA112 Datasheet HTML 7Page - STMicroelectronics STTA112 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VF*
Forward voltage drop
IF =1A
Tj = 25
°C
Tj = 125
°C
1.1
1.65
1.5
V
IR**
Reverse leakage current
VR = 0.8 x
VRRM
Tj = 25
°C
Tj = 125
°C90
10
300
µA
Vto
Threshold voltage
Ip < 3.IF(AV)
Tj = 125
°C
1.15
V
Rd
Dynamic resistance
350
m
Ω
Test pulses :
* tp = 380
µs, δ <2%
** tp = 5 ms ,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Value
Unit
Rth(j-I)
Junction to lead thermal resistance
23
°C/W
P1
Conduction power dissipation
IF(AV) = 0.8A
δ = 0.5
Tlead= 93
°C
1.4
W
Pmax
Total power dissipation
Pmax = P1 + P3
(P3 = 10% P1)
Tlead= 90
°C
1.5
W
THERMAL AND POWER DATA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery
time
Tj = 25
°C
IF = 0.5 A
IR = 1A
Irr = 0.25A
IF =1 A dIF/dt =-50A/
µsVR = 30V
65
115
ns
IRM
Maximum recovery
current
Tj = 125
°CVR = 600V IF =1A
dIF/dt = -8 A/
µs
dIF/dt = -50 A/
µs5
1.8
A
S factor
Softness factor
Tj = 125
°CVR = 600V IF =1A
dIF/dt = -50 A/
µs
0.7
-
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tfr
Forward recovery time
Tj = 25
°C
IF = 1 A, dIF/dt = 8 A/
µs
measured at 1.1
× VF max
900
ns
VFp
Peak forward voltage
35
V
TURN-ON SWITCHING
To evaluate the maximum conduction losses use the following equation :
P= Vto xIF(AV) +Rd x IF
2
(RMS)
STTA112U
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com