Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA112
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA112 Datasheet(HTML) 4 Page - STMicroelectronics

  STTA112 Datasheet HTML 1Page - STMicroelectronics STTA112 Datasheet HTML 2Page - STMicroelectronics STTA112 Datasheet HTML 3Page - STMicroelectronics STTA112 Datasheet HTML 4Page - STMicroelectronics STTA112 Datasheet HTML 5Page - STMicroelectronics STTA112 Datasheet HTML 6Page - STMicroelectronics STTA112 Datasheet HTML 7Page - STMicroelectronics STTA112 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRM
25
50
75
100
125
0.7
0.8
0.9
1.0
1.1
Tj(
°C)
S factor
Fig. 7: Relative variation of dynamic parameters
versus junction temperature (Reference Tj=125
°C).
0
20406080
100
0
10
20
30
40
50
60
70
80
VFP(V)
IF=2*IF(av)
Tj=125
°C
dIF/dt(A/
µs)
Fig. 8: Transient peak forward voltage versus
dIF/dt (90% confidence).
VFR=1.1*VF max.
0
204060
80
100
200
300
400
500
600
700
800
tfr(ns)
IF=2*IF(av)
Tj=125
°C
dIF/dt(A/
µs)
Fig. 9: Forward recovery time versus dIF/dt (90%
confidence).
STTA112U
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com