Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F2-12UI Datasheet(PDF) 90 Page - STMicroelectronics

Part # PSD913F2-12UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-12UI Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PSD913F2-12UI Datasheet HTML 86Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 87Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 88Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 89Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 90Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 91Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 92Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 93Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
PSD9XX Family
Preliminary Information
Figure 36A.
Drawing M3 – 52-Pin Plastic Quad Flatpack (PQFP) (Package Type M)
D
D1
D3
E3
E1
E
Index
Mark
Standoff: 0.05 mm Min.
Lead Coplanarity: 0.1mm Max.
L
C
A2
B
52
1
2
3
e1
A
α
Family: Plastic Quad Flatpack (PQFP)
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
α
0°
7°
0°
7°
A
–
2.35
–
0.093
A2
1.95
2.10
0.077
0.083
B
0.22
0.38
Reference
0.009
0.015
C
0.23
0.009
D
12.95
13.45
0.510
0.530
D1
9.90
10.10
0.390
0.398
D3
7.80
Reference
0.307
Reference
E
12.95
13.45
0.510
0.530
E1
9.90
10.10
0.390
0.398
E3
7.80
Reference
0.307
Reference
e1
0.65
Reference
0.026
Reference
L
0.73
1.03
0.029
0.041
N52
52
060198R0
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com