Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F2-12UI Datasheet(PDF) 50 Page - STMicroelectronics

Part # PSD913F2-12UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-12UI Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PSD913F2-12UI Datasheet HTML 46Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 47Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 48Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 49Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 50Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 51Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 52Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 53Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
PSD9XX Family
Preliminary Information
46
The
PSD9XX
Functional
Blocks
(cont.)
9.4.2.4 Address In Mode
For microcontrollers that have more than 16 address lines, the higher addresses can be
connected to Port A, B, C, and D. The address input can be latched by the address strobe
(ALE/AS). Any input that is included in the DPLD equations for the Main Flash, Secondary
Flash, or SRAM is considered to be an address input.
9.4.2.5 Data Port Mode
Port A can be used as a data bus port for a microcontroller with a non-multiplexed
address/data bus. The Data Port is connected to the data bus of the microcontroller. The
general I/O functions are disabled in Port A if the port is configured as a Data Port.
9.4.2.6 JTAG ISP
Port C is JTAG compliant, and can be used for In-System Programming (ISP). For more
information on the JTAG Port, refer to section 9.6.
9.4.2.3 Address Out Mode
For microcontrollers with a multiplexed address/data bus, Address Out Mode can be used
to drive latched addresses onto the port pins. These port pins can, in turn, drive external
devices. Either the output enable or the corresponding bits of both the Direction Register
and Control Register must be set to a ‘1’ for pins to use Address Out Mode. This must be
done by the MCU at run-time. See Table 22 for the address output pin assignments on
Ports A and B for various MCUs.
For non-multiplexed 8 bit bus mode, address lines A[7:0] are available to Port B in
Address Out Mode.
Note: Do not drive address lines with Address Out Mode to an external memory device if
it is intended for the MCU to boot from the external device. The MCU must first boot from
PSD memory so the Direction and Control register bits can be set.
Microcontroller
Port A (3:0)
Port A (7:4)
Port B (3:0)
Port B (7:4)
8051XA (8-Bit)
N/A*
Address (7:4)
Address (11:8)
N/A
80C251
N/A
N/A
Address (11:8)
Address (15:12)
(Page Mode)
All Other
Address (3:0)
Address (7:4)
Address (3:0)
Address (7:4)
8-Bit Multiplexed
8-Bit
N/A
N/A
Address [3:0]
Address [7:4]
Non-Multiplexed Bus
Table 22. I/O Port Latched Address Output Assignments
N/A = Not Applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com