Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD913F2-12UI Datasheet(PDF) 17 Page - STMicroelectronics

Part # PSD913F2-12UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-12UI Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PSD913F2-12UI Datasheet HTML 13Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 14Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 15Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 16Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 17Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 18Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 19Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 20Page - STMicroelectronics PSD913F2-12UI Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
Preliminary Information
PSD9XX Family
Table 5.
PSD9XX
Pin
Descriptions
(cont.)
Pin Name
Pin*
Type
Description
(PLCC)
PC7
11
I/O
PC7 pin of Port C. This port pin can be configured to have
the following functions:
1. MCU I/O — write to or read from a standard output or
input port.
2. Input to the PLDs.
3. DBE — active-low Data Byte Enable input from 68HC912
type MCUs.
This pin can be configured as a CMOS or Open Drain output.
PD0
10
I/O
PD0 pin of Port D. This port pin can be configured to have
the following functions:
1. ALE/AS input latches address output from the MCU.
2. MCU I/O — write or read from a standard output or input
port.
3. Input to the PLDs.
4. General Purpose PLD output.
PD1
9
I/O
PD1 pin of Port D. This port pin can be configured to have
the following functions:
1. MCU I/O — write to or read from a standard output or
input port.
2. Input to the PLDs.
3. General Purpose PLD output
4. CLKIN — clock input to the automatic power-down
unit’s power-down counter, and the PLD AND array.
PD2
8
I/O
PD2 pin of Port D. This port pin can be configured to have
the following functions:
1. MCU I/O — write to or read from a standard output or
input port.
2. Input to the PLDs.
3. General Purpose PLD output.
4. CSI — chip select input. When low, the MCU can access
the PSD memory and I/O. When high, the PSD memory
blocks are disabled to conserve power.
VCC
15, 38
Power pins
GND
1,16,26
Ground pins
Port A
Port B
Microcontroller
Port A (3:0) Port A (7:4)
Port B (3:0)
Port B (7:4)
8051XA (8-bit)
N/A
Address [7:4]
Address [11:8] N/A
80C251 (page mode)
N/A
N/A
Address [11:8] Address [15:12]
All other 8-bit
multiplexed
Address [3:0]
Address [7:4]
Address [3:0]
Address [7:4]
8-bit non-multiplexed
bus
N/A
N/A
Address [3:0]
Address [7:4]
Table 6. I/O Port Latched Address Output Assignments*
N/A = Not Applicable
**Refer to the I/O Port Section on how to enable the Latched Address Output function.
*The pin numbers in this table are for the PLCC package only. See the package information section for pin
numbers on other package types.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com