Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA406 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA406
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA406 Datasheet(HTML) 1 Page - STMicroelectronics

  STTA406 Datasheet HTML 1Page - STMicroelectronics STTA406 Datasheet HTML 2Page - STMicroelectronics STTA406 Datasheet HTML 3Page - STMicroelectronics STTA406 Datasheet HTML 4Page - STMicroelectronics STTA406 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STTA406
®
November 1999 - Ed: 3C
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODE
Symbol
Parameter
VALUE
Unit
VRRM
Repetitive peak reverse voltage
600
V
IP
Peak forward current (1)
Tamb = 65°C
δ = 0.5
4A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
80
A
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
- 40 to 150
°C
(1) square waveform and on infinite heatsink
ABSOLUTE RATINGS (limiting values)
DO-201AD
SPECIFIC TO FREEWHEEL MODE OPERATIONS:
FREEWHEEL OR BOOSTER DIODE
ULTRA-FAST, AND SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
HIGH FREQUENCY OPERATIONS
FEATURES AND BENEFITS
The TURBOSWITCH is a very high performance
series of ultra-fast high voltage power diodes.
TURBOSWITCH family, drastically cuts losses in
both the diode and the associated switching IGBT
or MOSFET in all freewheel mode operations and
is particularly suitable and efficient in motor control
freewheel applications and in booster diode
applications in power factor control circuitries.
Packaged in DO-201AD this 600V device is
particularly intended for use on 240V domestic
mains.
DESCRIPTION
IP
4 A
VRRM
600 V
trr (typ.)
25 ns
VF (max)
1.5 V
MAJOR PRODUCT CHARACTERISTICS
TURBOSWITCH is a trademark of STMicroelectronics
1/5


Similar Part No. - STTA406

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA106 STMICROELECTRONICS-STTA106 Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA106RL STMICROELECTRONICS-STTA106RL Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA106U STMICROELECTRONICS-STTA106U Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA112 STMICROELECTRONICS-STTA112 Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results

Similar Description - STTA406

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com