Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA406 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA406
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA406 Datasheet(HTML) 2 Page - STMicroelectronics

  STTA406 Datasheet HTML 1Page - STMicroelectronics STTA406 Datasheet HTML 2Page - STMicroelectronics STTA406 Datasheet HTML 3Page - STMicroelectronics STTA406 Datasheet HTML 4Page - STMicroelectronics STTA406 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Max.
Unit
Rth(j-l)
Junction to lead
L lead = 10mm
20
°C/W
Rth(j-a)
Junction to ambient on printed circuit
L lead = 10mm
75
°C/W
THERMAL DATA
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
VF **
Forward voltage drop
IF = 4 A
Tj = 25°C
Tj = 125°C
1.25
1.75
1.5
V
V
IR *
Reverse leakage current
VR = 0.8 VRRM
Tj = 25°C
Tj = 125°C
0.75
50
2
µA
mA
Vto
Threshold voltage
Ip < 3.IF(AV)
Tj = 125°C
1.15
V
Rd
Dynamic resistance
85
m
Ω
Test pulse :
* tp = 380
µs, δ < 2%
** tp = 5 ms,
δ < 2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 0.5A
IR = 1A
Irr = 0.25A
25
ns
IF = 1A di/dt = -50A/
µs VR = 30V
55
ns
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
tfr
Forward recovery time
IF = 4 A
dIF/dt = 100 A/
µs
Measured at 1.1 x VF max.
Tj = 25°C
200
ns
VFP
Peak forward voltage
20
V
TURN-ON SWITCHING
To evaluate the maximum conduction losses use the following equation :
P = Vto x IF(AV) + Rd x IF
2
(RMS)
STTA406
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com