Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA406 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA406
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA406 Datasheet(HTML) 4 Page - STMicroelectronics

  STTA406 Datasheet HTML 1Page - STMicroelectronics STTA406 Datasheet HTML 2Page - STMicroelectronics STTA406 Datasheet HTML 3Page - STMicroelectronics STTA406 Datasheet HTML 4Page - STMicroelectronics STTA406 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
50 100 150 200 250 300 350 400 450 500
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IRM(A)
IF=Ip
90% confidence
Tj=125°C
dIF/dt(A/µs)
Fig. 6: Reverse recovery current versus dIF/dt.
0
20
40
60
80 100 120 140 160 180 200
0
5
10
15
20
25
VFP(V)
IF=Ip
90% confidence
Tj=25°C
dIF/dt(A/µs)
Fig. 7: Transient peak forward voltage versus
dIF/dt.
0
20
40
60
80 100 120 140 160 180 200
0
50
100
150
200
250
300
350
tfr(ns)
IF=Ip
90% confidence
Tj=25°C
Vfr=2V
dIF/dt(A/µs)
Fig. 8: Forward recovery time versus dIF/dt.
1
10
100
200
0
2
4
6
8
10
12
14
16
18
20
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 9: Junction capacitance versus reverse
voltage applied (typical values).
0
50 100 150 200 250 300 350 400 450 500
0
25
50
75
100
125
150
175
200
225
250
dIF/dt(A/µs)
trr(ns)
IF=Ip
90% confidence
Tj=125°C
Fig 5 : Reverse recovery time versus dIF/dt.
STTA406
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com