Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335NP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD49335NP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD49335NP Datasheet HTML 19Page - Renesas Technology Corp HD49335NP Datasheet HTML 20Page - Renesas Technology Corp HD49335NP Datasheet HTML 21Page - Renesas Technology Corp HD49335NP Datasheet HTML 22Page - Renesas Technology Corp HD49335NP Datasheet HTML 23Page - Renesas Technology Corp HD49335NP Datasheet HTML 24Page - Renesas Technology Corp HD49335NP Datasheet HTML 25Page - Renesas Technology Corp HD49335NP Datasheet HTML 26Page - Renesas Technology Corp HD49335NP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 23 of 29
(3) Setting method of DLL
28
14
0
1.
2.
3.
42
∗Default
56
10
H1
DLL step decides the how many divide the 1
cycle of sensor CLK. For reference,
set 1 ns(when 2 ns DLL_current bit = 0,
when 1 set to 1 ns)
Can be set 16 to 64 steps by 4 steps.
Steps = 4 + (4
× N); possible to set N = 3 to 15
Recommended steps is clk_in = when 11 to 14 MHz: H'0E(60 steps)
when 14 to 22MHz: H'09(40 steps)
when 22 to 50MHz: H'1E(60 steps)
when 50 to 72MHz: H'19(40 steps)
Can be change each 4 type of pulse 0 to 15 steps with
1 step. (1 ns or 2 ns divide)
Select the 2 ns divide when sensor CLK is less than
15 MHz.
DL_RG
DL_SP1
DL_ADCLK
DL_SP2
DL_ADCLK
DLL_C
Control voltage
P_ADCLK
AND
PC
DLL = 64 steps
ADCLK(0)
(In phase with H1)
DLL = 15 steps
DL_SP1
P_SP1
DLL = 15 steps
DL_SP2
(Falling)
(Rising)
P_SP2
DLL = 15 steps
ADCLK
(0, 0)
DL_RG
DLL = 15 steps
Figure 15 Analog Delay (DLL) Circuit Block.
• CDS_test (D12 of address H’F6)
It is testing data. Normally set to 0.
• Dummy clamp current (D9 to 8 of address H’F7)
Data = When 0, 1/4
When 1, 1/8
When 2, 1/16
When 3, 1/32
Details are refer to page 12.
• Dummy clamp threshold (D12 to 10 of address H’F7)
Data = When 0, off
When 1, +32
When 2, +64
When 3, +96
When 4, +128
When 5, +160
When 6, +192
When 7, +224
Details are refer to page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com