Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335NP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD49335NP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD49335NP Datasheet HTML 1Page - Renesas Technology Corp HD49335NP Datasheet HTML 2Page - Renesas Technology Corp HD49335NP Datasheet HTML 3Page - Renesas Technology Corp HD49335NP Datasheet HTML 4Page - Renesas Technology Corp HD49335NP Datasheet HTML 5Page - Renesas Technology Corp HD49335NP Datasheet HTML 6Page - Renesas Technology Corp HD49335NP Datasheet HTML 7Page - Renesas Technology Corp HD49335NP Datasheet HTML 8Page - Renesas Technology Corp HD49335NP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 3 of 29
Pin Description (cont.)
Pin No.
Symbol
Description
I/O
Analog(A) or
Digital(D)
Remarks
30
XV1
V.CCD transfer pulse output-1
O
D
2 mA/10 pF
31
XV2
V.CCD transfer pulse output-2
O
D
2 mA/10 pF
32
XV3
V.CCD transfer pulse output-3
O
D
2 mA/10 pF
33
XV4
V.CCD transfer pulse output-4
O
D
2 mA/10 pF
34
CH1
Read out pulse output-1
O
D
2 mA/10 pF
35
CH2
Read out pulse output-2
O
D
2 mA/10 pF
36
CH3
Read out pulse output-3
O
D
2 mA/10 pF
37
CH4
Read out pulse output-4/XV6 at stripe mode
O
D
2 mA/10 pF
38
XSUB
Pulse output for electronic shutter
O
D
2 mA/10 pF
39
SUB_SW
SUB voltage control output-1. ADCK input
I/O
D
2 mA/10 pF
40
SUB_PD
SUB voltage control output-2/ XV5 at stripe mode
O
D
2 mA/10 pF
41
STROB
Flash control output. Input Vgate at Hi of pin 61
I/O
D
2 mA/10 pF
42
DVSS3
General ground for TG (0 V)
—
D
43
AVSS
Analog ground (0 V)
—
A
44
ADC_in
AD converter input pin
I
A
45
BIAS
Bias standard resistance
—
A
46
VRB
ADC bottom standard voltage (0.1
µF for GND)
—
A
47
VRT
ADC top standard voltage (0.1
µF for GND)
—
A
48
VRM
ADC middle standard voltage (0.1
µF for GND)
—
A
49
AVDD
Analog power supply (3 V)
—
A
50
BLKC
Black level C pin (1000 pF for GND)
—
A
51
CDS_in
CDS input pin
I
A
52
AVDD
Analog power supply (3 V)
—
A
53
BLKFB
Black level FB pin (1
µF between BLKFB and BLKSH)
I
A
54
BLKSH
Black level S/H pin
O
A
55
AVSS
Analog ground (0 V)
—
A
56
Test2
H: Normal operation, L: CDS single operation mode
Input 36; PBLK at testing, Input 37; OBP, Input 38; CPDM,
Input 39; ADCK, Input 40; SP2, Input 41; SP1
I
D
57
Test1
L: Slave mode, H: Master mode
I
D
58
DLL_C
Analog delay DLL external C pin (100 pF for GND)
O
A
59
DVDD1
Digital power supply (3 V) CDS, PAG, ADC part
—
D
60
MON
Pulse monitor (SP1, SP2, ADCK, OBP, CPDM, PBLK input)
O
D
2 mA/10 pF
61
41cont
Input STROB = pin 41, Input SUB_SW = pin 39 at Low
Input Vgate = pin 41, Input ADCK = pin 39 at Hi
I
D
62
CS
Serial data CS at CDS part
I
D
63
SDATA
Input serial data
I
D
64
SCK
Input serial clock
I
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com