Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335NP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD49335NP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD49335NP Datasheet HTML 21Page - Renesas Technology Corp HD49335NP Datasheet HTML 22Page - Renesas Technology Corp HD49335NP Datasheet HTML 23Page - Renesas Technology Corp HD49335NP Datasheet HTML 24Page - Renesas Technology Corp HD49335NP Datasheet HTML 25Page - Renesas Technology Corp HD49335NP Datasheet HTML 26Page - Renesas Technology Corp HD49335NP Datasheet HTML 27Page - Renesas Technology Corp HD49335NP Datasheet HTML 28Page - Renesas Technology Corp HD49335NP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 25 of 29
Timing Specifications of High Speed Pulse
two
twh
tr
twl
twl
tf
50%
50%
tH1DL
90%
10%
90%
10%
H2
RG
• H1, H2, RG waveform
H1
tf
twh
tr
Item
H1/H2
RG
XV1 to 4
CH1 to 4
XSUB/SUB_SW
min
14
7
—
—
—
typ
20
10
—
—
—
twh
max
—
—
—
—
—
min
14
—
—
—
—
typ
20
37
—
—
—
twl
max
—
—
—
—
—
min
—
—
—
—
—
typ
8.0
4.0
20
20
20
tr
max
14
—
—
—
—
min
—
—
—
—
—
typ
8.0
4.0
20
20
20
tf
max
14
—
—
—
—
165 pF
15 pF
15 pF
15 pF
15 pF
Load
capacitance
Unit
ns
ns
ns
ns
ns
Item
H1/H2 overlap
min
12
typ
20
two
Power supply specification of H1, H2, RG are 3.0 V to 3.3 V.
Values are sensor CLK = when 18 MHz.
max
—
Unit
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com