Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2003
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2003 Datasheet HTML 1Page - STMicroelectronics STTH2003 Datasheet HTML 2Page - STMicroelectronics STTH2003 Datasheet HTML 3Page - STMicroelectronics STTH2003 Datasheet HTML 4Page - STMicroelectronics STTH2003 Datasheet HTML 5Page - STMicroelectronics STTH2003 Datasheet HTML 6Page - STMicroelectronics STTH2003 Datasheet HTML 7Page - STMicroelectronics STTH2003 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STTH2003CT/CG/CF/CR/CFP
August 2003 - Ed: 7D
HIGH FREQUENCY SECONDARY RECTIFIER
®
Dual center tap Fast Recovery Epitaxial Diodes
suited for Switch Mode Power Supply and high
frequency DC/DC converters.
Packaged
in
TO-220AB,
ISOWATT220AB,
TO-220FPAB, I
2PAK or D2PAK, this device is
especially intended for secondary rectification.
DESCRIPTION
s
COMBINES HIGHEST RECOVERY AND
REVERSE VOLTAGE PERFORMANCE
s
ULTRA-FAST, SOFT AND NOISE-FREE
RECOVERY
s
INSULATED PACKAGES: ISOWATT220AB,
TO-220FPAB
Electric insulation: 2000VDC
Capacitance: 12pF
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB / D
2PAK /
I
2PAK
Tc=140
°C
Per diode
Per device
10
20
A
ISOWATT220AB
Tc=125
°C
TO-220FPAB
Tc=115
°C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
110
A
IRSM
Non repetitive avalanche current
tp = 20
µs square
5A
Tstg
Storage temperature range
-65 + 175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K
IF(AV)
2x10A
VRRM
300 V
Tj (max)
175 °C
VF (max)
1 V
trr (max)
35 ns
MAJOR PRODUCT CHARACTERISTICS
A1
A2
K
D
2PAK
STTH2003CG
A1
A2
K
TO-220AB
STTH2003CT
A1
A2
K
ISOWATT220AB
STTH2003CF
A1
A2
K
I
2PAK
STTH2003CR
A1
A2
K
TO-220FPAB
STTH2003CFP


Similar Part No. - STTH2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003 STMICROELECTRONICS-STTH2003 Datasheet
369Kb / 16P
300 V ultrafast rectifier
07-Aug-2018
STTH2003C STMICROELECTRONICS-STTH2003C Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH2003C-Y STMICROELECTRONICS-STTH2003C-Y Datasheet
89Kb / 7P
Automotive high efficiency ultrafast diode
24-Oct-2012
STTH2003CF STMICROELECTRONICS-STTH2003CF Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH2003CFP STMICROELECTRONICS-STTH2003CFP Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
More results

Similar Description - STTH2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH30R03CW STMICROELECTRONICS-STTH30R03CW Datasheet
78Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Jul-2002
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH803D STMICROELECTRONICS-STTH803D Datasheet
92Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
logo
Inchange Semiconductor ...
STTH2003CT ISC-STTH2003CT Datasheet
271Kb / 2P
Hight frequency secondary rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com