Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH2003
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH2003 Datasheet HTML 1Page - STMicroelectronics STTH2003 Datasheet HTML 2Page - STMicroelectronics STTH2003 Datasheet HTML 3Page - STMicroelectronics STTH2003 Datasheet HTML 4Page - STMicroelectronics STTH2003 Datasheet HTML 5Page - STMicroelectronics STTH2003 Datasheet HTML 6Page - STMicroelectronics STTH2003 Datasheet HTML 7Page - STMicroelectronics STTH2003 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH2003CT/CG/CF/CR/CFP
2/8
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage
current
VR = 300 V
Tj = 25°C
20
µA
Tj = 125°C
30
300
VF**
Forward voltage drop
IF = 10 A
Tj = 25°C
1.25
V
Tj = 125°C
0.85
1
Pulse test : * tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.75xIF(AV) + 0.025 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / D
2PAK / I2PAK
Per diode
2.5
°C/W
Total
1.3
ISOWATT220AB
Per diode
3.9
Total
3.2
TO-220FPAB
Per diode
4.6
Total
4
Rth (c)
TO-220AB / D
2PAK / I2PAK
Coupling
0.1
ISOWATT220AB
Coupling
2.5
TO-220FPAB
Coupling
3.5
THERMAL RESISTANCES
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 0.5 A
Irr = 0.25 A
IR =1A
Tj=25
°C
25
ns
IF =1A
dIF/dt=-50A/
µsVR =30V
35
tfr
IF =10A
dIF/dt = 100 A/
µs
VFR =1.1xVF max.
Tj=25
°C
230
ns
VFP
3.5
V
Sfactor
Vcc = 200V
IF =10A
dIF/dt = 200 A/
µs
Tj = 125°C
0.3
-
IRM
8A
RECOVERY CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com