Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH2003
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH2003 Datasheet HTML 1Page - STMicroelectronics STTH2003 Datasheet HTML 2Page - STMicroelectronics STTH2003 Datasheet HTML 3Page - STMicroelectronics STTH2003 Datasheet HTML 4Page - STMicroelectronics STTH2003 Datasheet HTML 5Page - STMicroelectronics STTH2003 Datasheet HTML 6Page - STMicroelectronics STTH2003 Datasheet HTML 7Page - STMicroelectronics STTH2003 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STTH2003CT/CG/CF/CR/CFP
02
4
6
8
10
12
0
2
4
6
8
10
12
14
IF(av) (A)
P1(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1: Conduction losses versus average current
(per diode).
0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00
1
10
100
200
VFM(V)
IFM(A)
Tj=125°C
Tj=25°C
Tj=75°C
Fig. 2: Forward voltage drop versus forward
current (maximum values, per diode
).
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AB
/D
2PAK/I2PAK).
0
50
100 150 200 250 300 350 400 450 500
0
20
40
60
80
100
trr(ns)
VR=200V
Tj=125°C
IF=2*IF(av)
IF=IF(av)
IF=0.5*IF(av)
dIF/dt(A/µs)
Fig. 5: Reverse recovery time versus dIF/dt (90%
confidence, per diode).
0
50
100 150 200 250 300 350 400 450 500
0
2
4
6
8
10
12
14
16
dIF/dt(A/µs)
IRM(A)
VR=200V
Tj=125°C
IF=2*IF(av)
IF=IF(av)
IF=0.5*IF(av)
Fig. 4:
Peak reverse recovery current versus
dIF/dt (90% confidence, per diode).
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-c)/Rth(j-c)
tp(s)
T
δ=tp/T
tp
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 3-2: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(ISOWATT220AB).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com