Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06D Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH5R06D
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06D Datasheet(HTML) 8 Page - STMicroelectronics

  STTH5R06D Datasheet HTML 1Page - STMicroelectronics STTH5R06D Datasheet HTML 2Page - STMicroelectronics STTH5R06D Datasheet HTML 3Page - STMicroelectronics STTH5R06D Datasheet HTML 4Page - STMicroelectronics STTH5R06D Datasheet HTML 5Page - STMicroelectronics STTH5R06D Datasheet HTML 6Page - STMicroelectronics STTH5R06D Datasheet HTML 7Page - STMicroelectronics STTH5R06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
STTH5R06D/FP/B/G
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH5R06D
STTH5R06D
TO-220AC
1.9 g
50
Tube
STTH5R06FP
STTH5R06FP
TO-220FPAC
1.7 g
50
Tube
STTH5R06B
STTH5R06B
DPAK
0.3 g
75
Tube
STTH5R06B-TR
STTH5R06B
DPAK
0.3 g
2500
Tape & reel
STTH5R06G
STTH5R06G
D
2PAK
1.48 g
50
Tube
STTH5R06G-TR
STTH5R06G
D
2PAK
1.48 g
1000
Tape & reel
s
Cooling method: by conduction (C)
s
Recommended torque value (TO-220AC): 0.55 Nm
s
Maximum torque value (TO-220AC / TO-220FPAC): 0.7 Nm
s
Epoxy meets UL 94,V0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com