Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH5R06D
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06D Datasheet(HTML) 2 Page - STMicroelectronics

  STTH5R06D Datasheet HTML 1Page - STMicroelectronics STTH5R06D Datasheet HTML 2Page - STMicroelectronics STTH5R06D Datasheet HTML 3Page - STMicroelectronics STTH5R06D Datasheet HTML 4Page - STMicroelectronics STTH5R06D Datasheet HTML 5Page - STMicroelectronics STTH5R06D Datasheet HTML 6Page - STMicroelectronics STTH5R06D Datasheet HTML 7Page - STMicroelectronics STTH5R06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH5R06D/FP/B/G
2/8
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
VR = 600V
Tj = 25°C
20
µA
Tj = 125°C
25
250
VF
Forward voltage drop
IF = 5 A
Tj = 25°C
2.9
V
Tj = 125°C
1.4
1.8
To evaluate the maximum conduction losses use the following equation :
P=1.16xIF(AV) + 0.128 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AC / DPAK / D
2PAK
3.0
°C/W
TO-220FPAC
5.5
THERMAL RESISTANCES
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 0.5 A Irr = 0.25 A IR = 1A
Tj = 25°C
25
ns
IF =1A dIF/dt=-50A/
µs
VR = 30V
40
IRM
VR = 400 V IF =5A
dIF/dt = - 200A/
µs
Tj = 125°C
5.0
6.0
A
S factor
0.35
Qrr
110
nC
tfr
IF =5A
dIF/dt=40A/
µs
VFR =1.1xVFmax
Tj = 25°C
150
ns
VFP
4.5
V
DYNAMIC ELECTRICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0123
4567
IF(av)(A)
P(W)
T
δ=tp/T
tp
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Conduction losses versus average current.
0
5
10
15
20
25
30
35
40
45
50
012
3456
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
Fig. 2: Forward voltage drop versus forward
current
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com