Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH5R06D
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06D Datasheet(HTML) 1 Page - STMicroelectronics

  STTH5R06D Datasheet HTML 1Page - STMicroelectronics STTH5R06D Datasheet HTML 2Page - STMicroelectronics STTH5R06D Datasheet HTML 3Page - STMicroelectronics STTH5R06D Datasheet HTML 4Page - STMicroelectronics STTH5R06D Datasheet HTML 5Page - STMicroelectronics STTH5R06D Datasheet HTML 6Page - STMicroelectronics STTH5R06D Datasheet HTML 7Page - STMicroelectronics STTH5R06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STTH5R06D/FP/B/G
October 2002 - Ed: 3B
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
®
The STTH5R06D/FP/B/G, which is using ST
Turbo 2 600V technology, is specially suited as
boost diode in continuous mode power factor
corrections and hard switching conditions.
The
device
(available
in
TO-220AC,
TO-220FPAC, D
2PAK and DPAK) is also intended
for use as a free wheeling diode in power supplies
and other power switching applications.
DESCRIPTION
s
Ultrafast switching
s
Low reverse recovery current
s
Reduces switching losses
s
Low thermal resistance
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
TO-220AC / TO-220FPAC / D
2PAK
20
A
DPAK
10
A
IF(AV)
Average forward current
TO-220AC
TO-220FPAC
DPAK / D
2PAK
Tc = 105°C
δ = 0.5
5A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
50
A
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
5A
VRRM
600 V
IRM (typ.)
5 A
Tj (max)
175 °C
VF (max)
1.8 V
trr (max)
40 ns
MAIN PRODUCT CHARACTERISTICS
K
K
A
TO-220AC
STTH5R06D
K
A
TO-220FPAC
STTH5R06FP
NC
K
A
DPAK
STTH5R06B
K
NC
A
D
2PAK
STTH5R06G


Similar Part No. - STTH5R06D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
116Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
07-Sep-2004
STTH5R06DJF STMICROELECTRONICS-STTH5R06DJF Datasheet
180Kb / 9P
High energy avalanche capability
16-Mar-2012
More results

Similar Description - STTH5R06D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH306 STMICROELECTRONICS-STTH306 Datasheet
48Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Nov-2001
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com