Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7478 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 7478
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 35Page - Renesas Technology Corp 7478 Datasheet HTML 36Page - Renesas Technology Corp 7478 Datasheet HTML 37Page - Renesas Technology Corp 7478 Datasheet HTML 38Page - Renesas Technology Corp 7478 Datasheet HTML 39Page - Renesas Technology Corp 7478 Datasheet HTML 40Page - Renesas Technology Corp 7478 Datasheet HTML 41Page - Renesas Technology Corp 7478 Datasheet HTML 42Page - Renesas Technology Corp 7478 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
38
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 31 Pin connection in EPROM mode
P52
P07/D7
P06/D6
P05/D5
P53
P16/SCLK/A9
P15/TXD/A8
VSS
17
28
27
26
25
24
23
22
21
20
19
18
56
45
46
47
48
49
50
51
52
53
54
55
P51/XCOUT
P50/XCIN
VCC
XIN
XOUT
VSS
AVSS
NC
NC
NC
NC
NC
NC
P17/SRDY/A10
RESET
NC
M37478E8-XXXFP
M37478E8TXXXFP
VCC
VSS
VSS
A8
A9
A10
VSS
D7
D6
D5
Oscillation
circuit
: Same functions as M5L27C256K
Fig. 32 Pin connection in EPROM mode (7477 Group )
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
VSS
CE
D7
D6
D5
D4
D3
D2
D1
D0
A14
A13
VPP
A12
A11
VCC
OE
VSS
: Same functions as M5L27C256K
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41
P40
P33/CNTR1
P32/CNTR0
P31/INT1
P30/INT0
RESET
VCC
Oscillation
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com