Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7478 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7478
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 9Page - Renesas Technology Corp 7478 Datasheet HTML 10Page - Renesas Technology Corp 7478 Datasheet HTML 11Page - Renesas Technology Corp 7478 Datasheet HTML 12Page - Renesas Technology Corp 7478 Datasheet HTML 13Page - Renesas Technology Corp 7478 Datasheet HTML 14Page - Renesas Technology Corp 7478 Datasheet HTML 15Page - Renesas Technology Corp 7478 Datasheet HTML 16Page - Renesas Technology Corp 7478 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
12
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
When the device is put into power-down state by the STP instruc-
tion or the WIT instruction, if bit 5 in the edge polarity selection
register is “1”, the INT1 interrupt becomes a key on wake up inter-
rupt. When a key on wake up interrupt is valid, an interrupt request
is generated by applying the “L” level to any pin in port P0. In this
case , the port used for interrupt must have been set for the input
mode.
If bit 5 in the edge polarity selection register is “0” when the device
is in power-down state, the INT1 interrupt is selected. Also, if bit 5
in the edge polarity selection register is set to “1” when the device
is not in a power-down state, neither key on wake up interrupt re-
quest nor INT1 interrupt request is generated.
The CNTR0/CNTR1 interrupts function in the same as INT0 and
INT1. The interrupt input pin can be specified for either CNTR0 or
CNTR1 pin by setting bit 4 in the edge polarity selection register.
Figure 4 shows the structure of the edge polarity selection regis-
ter, interrupt request registers 1 and 2, and interrupt control
registers 1 and 2.
Interrupts other than the BRK instruction interrupt and reset are
accepted when the interrupt enable bit is “1”, interrupt request bit
is “1”, and the interrupt disable flag is “0”. The interrupt request bit
can be reset with a program, but not set. The interrupt enable bit
can be set and reset with a program.
Reset is treated as a non-maskable interrupt with the highest pri-
ority. Figure 5 shows interrupts control.
Interrupt source
______
RESET
INT0 interrupt
INT1 interrupt or key on wake up interrupt
CNTR0 interrupt or CNTR1 interrupt
Timer 1 interrupt
Timer 2 interrupt
Timer 3 interrupt
Timer 4 interrupt
Serial I/O receive interrupt
Serial I/O transmit interrupt
A-D conversion completion interrupt
BRK instruction interrupt
Priority
1
2
3
4
5
6
7
8
9
10
11
12
Vector addresses
FFFF16, FFFE16
FFFD16, FFFC16
FFFB16, FFFA16
FFF916, FFF816
FFF716, FFF616
FFF516, FFF416
FFF316, FFF216
FFF116, FFF016
FFEF16, FFEE16
FFED16, FFEC16
FFEB16, FFEA16
FFE916, FFE816
Remarks
Non-maskable
External interrupt (polarity programmable)
External interrupt (INT1 is polarity programmable)
External interrupt (polarity programmable)
Non-maskable software interrupt
Table 1. Interrupt vector address and priority.
INTERRUPTS
Interrupts can be caused by 13 different sources consisting of five
external, seven internal, and one software sources.
Interrupts are vectored interrupts with priorities shown in Table 1.
Reset is also included in the table because its operation is similar
to an interrupt.
When an interrupt is accepted, the registers are pushed, interrupt
disable flag I is set, and the program jumps to the address speci-
fied in the vector table. The interrupt request bit is cleared
automatically. The reset and BRK instruction interrupt can never
be disabled. Other interrupts are disabled when the interrupt dis-
able flag is set.
All interrupts except the BRK instruction interrupt have an interrupt
request bit and an interrupt enable bit. The interrupt request bits
are in interrupt request registers 1 and 2 and the interrupt enable
bits are in interrupt control registers 1 and 2. External interrupts
INT0 and INT1 can be asserted on either the falling or rising edge
as set in the edge polarity selection register. When “0” is set to this
register, the interrupt is activated on the falling edge; when “1” is
set to the register, the interrupt is activated on the rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com