Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7478 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7478
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 17Page - Renesas Technology Corp 7478 Datasheet HTML 18Page - Renesas Technology Corp 7478 Datasheet HTML 19Page - Renesas Technology Corp 7478 Datasheet HTML 20Page - Renesas Technology Corp 7478 Datasheet HTML 21Page - Renesas Technology Corp 7478 Datasheet HTML 22Page - Renesas Technology Corp 7478 Datasheet HTML 23Page - Renesas Technology Corp 7478 Datasheet HTML 24Page - Renesas Technology Corp 7478 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
20
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Serial I/O Control Register SIOCON
The serial I/O control register consists of eight control bits for the
serial I/O function.
UART Control Register UARTCON
The UART control register consists of four control bits (bits 0 to 3)
which are valid when asynchronous serial I/O is selected and set
the data format of a data transfer.
Serial I/O Status Register SIOSTS
The read-only serial I/O status register consists of seven flags
(bits 0 to 6) which indicate the operating status of the serial I/O
function and various errors.
Three of the flags (bits 4 to 6) are valid only in selected UART.
The receive buffer full flag (bit 1) is cleared to “0” when the receive
buffer is read.
If there is an error, it is detected at the same time that data is
transferred from the receive shift register to the receive buffer, and
the receive buffer full flag is set. Writing to the serial I/O status
register clears all the error flags OE, PE, FE, and SE(bit 3 to bit 6,
respectively). Writing “0” to the serial I/O enable bit SIOE (bit 7 of
the serial I/O control register) also clears all the status flags, in-
cluding the error flags.
All bits of the serial I/O status register are initialized to “0” at reset,
but if the transmit enable bit (bit 4) of the serial I/O control register
has been set to “1”, the transmit shift completion flag (bit 2) and
the transmit buffer empty flag (bit 0) become “1”.
Transmit Buffer/Receive Buffer TB/RB
The transmit buffer and the receive buffer are located at the same
address. The transmit buffer is write-only and the receive buffer is
read-only. If a character bit length is 7 bits, the MSB of data stored
in the receive buffer is “0”.
Baud Rate Generator BRG
The baud rate generator determines the baud rate for serial trans-
fer.
The baud rate generator divides the frequency of the count source
by 1/(n+1), where n is the value written to the baud rate generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com