Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4501 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 42Page - Renesas Technology Corp 4501 Datasheet HTML 43Page - Renesas Technology Corp 4501 Datasheet HTML 44Page - Renesas Technology Corp 4501 Datasheet HTML 45Page - Renesas Technology Corp 4501 Datasheet HTML 46Page - Renesas Technology Corp 4501 Datasheet HTML 47Page - Renesas Technology Corp 4501 Datasheet HTML 48Page - Renesas Technology Corp 4501 Datasheet HTML 49Page - Renesas Technology Corp 4501 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
Rev.3.01
2005.02.07
page 46 of 112
REJ03B0104-0301
4501 Group
CLOCK CONTROL
The clock control circuit consists of the following circuits.
• On-chip oscillator (internal oscillator)
• Ceramic resonator
• RC oscillation circuit
• Multi-plexer (clock selection circuit)
• Frequency divider
• Internal clock generating circuit
Fig. 42 Clock control circuit structure
The system clock and the instruction clock are generated as the
source clock for operation by these circuits.
Figure 42 shows the structure of the clock control circuit.
The 4501 Group operates by the on-chip oscillator clock (f(RING))
which is the internal oscillator after system is released from reset.
Also, the ceramic resonator or the RC oscillation can be used for
the source oscillation (f(XIN)) of the 4501 Group. The CMCK in-
struction or CRCK instruction is executed to select the ceramic
resonator or RC oscillator, respectively.
MR3, MR2
00
01
10
11
Q S
QR
Q S
R
CRCK instruction
Q S
R
CMCK
instruction
Q S
R
RESET pin
XOUT
XIN
Key-on wakeup signal
Instruction clock
Counter
Wait time (Note 2)
control circuit
Program
start signal
RC oscillation circuit
Division circuit
divided by 8
divided by 4
divided by 2
Internal clock
generation circuit
(divided by 3)
Notes 1: System operates by the on-chip oscillator clock (f(RING)) until the CMCK or CRCK instruction
is executed after system is released from reset.
2: The wait time control circuit is used to generate the time required to stabilize the f(XIN) oscillation.
After the certain oscillation stabilizing wait time elapses, the program start signal is output.
This circuit operates when system is released from reset or returned from RAM back-up.
System clock
On-chip oscillator
(internal oscillator)
(Note 1)
Multiplexer
Ceramic resonator
circuit
POF or
EPOF instruction + POF2
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com