Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4501 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 87Page - Renesas Technology Corp 4501 Datasheet HTML 88Page - Renesas Technology Corp 4501 Datasheet HTML 89Page - Renesas Technology Corp 4501 Datasheet HTML 90Page - Renesas Technology Corp 4501 Datasheet HTML 91Page - Renesas Technology Corp 4501 Datasheet HTML 92Page - Renesas Technology Corp 4501 Datasheet HTML 93Page - Renesas Technology Corp 4501 Datasheet HTML 94Page - Renesas Technology Corp 4501 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
Skip condition
Datailed description
4501 Group
Rev.3.01
2005.02.07
page 91 of 112
REJ03B0104-0301
–
–
–
–
–
–
–
–
–
–
–
Continuous
description
–
(Y) = 0
(Y) = 15
–
–
(Y) = 15
(Y) = 0
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Transfers the contents of register B to register A.
Transfers the contents of register A to register B.
Transfers the contents of register Y to register A.
Transfers the contents of register A to register Y.
Transfers the contents of register B to the high-order 4 bits (E3–E0) of register E, and the contents of regis-
ter A to the low-order 4 bits (E3–E0) of register E.
Transfers the high-order 4 bits (E7–E4) of register E to register B, and low-order 4 bits of register E to regis-
ter A.
Transfers the contents of the low-order 3 bits (A2–A0) of register A to register D.
Transfers the contents of register D to the low-order 3 bits (A2–A0) of register A.
Transfers the contents of register Z to the low-order 2 bits (A1, A0) of register A.
Transfers the contents of register X to register A.
Transfers the contents of stack pointer (SP) to the low-order 3 bits (A2–A0) of register A.
Loads the value x in the immediate field to register X, and the value y in the immediate field to register Y.
When the LXY instructions are continuously coded and executed, only the first LXY instruction is executed
and other LXY instructions coded continuously are skipped.
Loads the value z in the immediate field to register Z.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next in-
struction is skipped. When the contents of register Y is not 0, the next instruction is executed.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15,
the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed.
After transferring the contents of M(DP) to register A, an exclusive OR operation is performed between reg-
ister X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per-
formed between register X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per-
formed between register X and the value j in the immediate field, and stores the result in register X.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15,
the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per-
formed between register X and the value j in the immediate field, and stores the result in register X.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next in-
struction is skipped. when the contents of register Y is not 0, the next instruction is executed.
After transferring the contents of register A to M(DP), an exclusive OR operation is performed between reg-
ister X and the value j in the immediate field, and stores the result in register X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com