Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4501 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 25Page - Renesas Technology Corp 4501 Datasheet HTML 26Page - Renesas Technology Corp 4501 Datasheet HTML 27Page - Renesas Technology Corp 4501 Datasheet HTML 28Page - Renesas Technology Corp 4501 Datasheet HTML 29Page - Renesas Technology Corp 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp 4501 Datasheet HTML 32Page - Renesas Technology Corp 4501 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
4501 Group
Rev.3.01
2005.02.07
page 29 of 112
REJ03B0104-0301
(8) Timer input/output pin (P12/CNTR pin)
CNTR pin is used to input the timer 2 count source and output the
timer 1 and timer 2 underflow signal divided by 2.
The P12/CNTR pin function can be selected by bit 0 of register W6.
The CNTR output signal can be selected by bit 1 of register W6.
When the CNTR input is selected for timer 2 count source, timer 2
counts the falling waveform of CNTR input.
Fig. 23 Count timing diagram at CNTR input
(9) Precautions
Note the following for the use of timers.
• Prescaler
Stop the prescaler operation to change its frequency dividing ra-
tio.
• Count source
Stop timer 1 or 2 counting to change its count source.
• Reading the count value
Stop timer 1 or 2 counting and then execute the TAB1 or TAB2
instruction to read its data.
• Writing to the timer
Stop timer 1 or 2 counting and then execute the T1AB or T2AB
instruction to write its data.
• Writing to reload register R1
When writing data to reload register R1 while timer 1 is operat-
ing, avoid a timing when timer 1 underflows.
0316
0216
0116
0016
FF16
FE16
CNTR input
Timer 2 count
Timer 2 interrupt
request flag
(T2F)
(Note)
Note: This is an example when “FF16” is set to timer 2 reload register R2L.
• Timer 1 and timer 2 count start timing and count time when op-
eration starts
Count starts from the first rising edge of the count source (2) af-
ter timer 1 and timer 2 operations start (1).
Time to first underflow (3) is shorter (for up to 1 period of the
count source) than time among next underflow (4) by the timing
to start the timer and count source operations after count starts.
When selecting CNTR input as the count source of timer 2, timer
2 operates synchronizing with the falling edge of CNTR input.
Fig. 24 Timer count start timing and count time when opera-
tion starts (T1, T2)
(1) Timer
Count Source
Timer Value
Timer Underflow
Signal
3
21
032
103
2
Count Source
(CNTR input)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com