Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4553 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 35Page - Renesas Technology Corp 4553 Datasheet HTML 36Page - Renesas Technology Corp 4553 Datasheet HTML 37Page - Renesas Technology Corp 4553 Datasheet HTML 38Page - Renesas Technology Corp 4553 Datasheet HTML 39Page - Renesas Technology Corp 4553 Datasheet HTML 40Page - Renesas Technology Corp 4553 Datasheet HTML 41Page - Renesas Technology Corp 4553 Datasheet HTML 42Page - Renesas Technology Corp 4553 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 39 of 142
REJ03B0024-0302
4553 Group
Fig. 28 Timer 2 count start/stop timing
(R2L)
(R2H)
(R2L)
Timer 2 count start timing
Waveform extension function of CNTR output “H” interval: Invalid (W22 = “0”),
CNTR output: valid (W23 = “1”),
Count source: XIN input selected (W20 = “0”),
Reload register R2L: “0316”
Reload register R2H: “0216”
Timer 2 count start timing
TW2A instruction execution cycle (W21)
← 1
0216 0116 0016
0216
0316
0216 0116 0016
0316
0216
0016
0016 0216 0116 0016 0316 0216 0116
0216
(R2H)
(R2L)
0116
(R2H)
(Note 1)
Notes 1: In order to stop timer 2 at CNTR output valid (W23 = “1”), avoid a timing when timer 2 underflows.
If these timings overlap, a hazard may occur in a CNTR output waveform.
2: At CNTR output valid, timer 2 stops after “H” interval of PWM signal set by reload register R2H is output.
Mi
Mi+1
Mi+2
Mi
Mi+1
Mi+2
0116
Timer 2 count value
(Reload register)
Timer 2
underflow signal
PWM signal
Machine cycle
XIN input
(count source selected)
System clock
f(STCK)=f(XIN)/4
Register W21
q
Timer 2 count stop timing
TW2A instruction execution cycle (W21)
← 0
Timer 2 count stop timing
Timer 2 count value
(Reload register)
Timer 2
underflow signal
PWM signal
Machine cycle
XIN input
(count source selected)
System clock
f(STCK)=f(XIN)/4
Register W21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com