Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4553 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 29Page - Renesas Technology Corp 4553 Datasheet HTML 30Page - Renesas Technology Corp 4553 Datasheet HTML 31Page - Renesas Technology Corp 4553 Datasheet HTML 32Page - Renesas Technology Corp 4553 Datasheet HTML 33Page - Renesas Technology Corp 4553 Datasheet HTML 34Page - Renesas Technology Corp 4553 Datasheet HTML 35Page - Renesas Technology Corp 4553 Datasheet HTML 36Page - Renesas Technology Corp 4553 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 33 of 142
REJ03B0024-0302
4553 Group
(1) Timer control registers
• Timer control register PA
Register PA controls the count operation of prescaler. Set the
contents of this register through register A with the TPAA instruc-
tion.
• Timer control register W1
Register W1 controls the selection of timer 1 count auto-stop cir-
cuit, and the count operation and count source of timer 1. Set the
contents of this register through register A with the TW1A instruc-
tion. The TAW1 instruction can be used to transfer the contents
of register W1 to register A.
• Timer control register W2
Register W2 controls the CNTR output, the expansion of “H” in-
terval of PWM output, and the count operation and count source
of timer 2. Set the contents of this register through register A with
the TW2A instruction. The TAW2 instruction can be used to trans-
fer the contents of register W2 to register A.
• Timer control register W3
Register W3 controls the count operation and count source of
timer 3. Set the contents of this register through register A with
the TW5A instruction. The TAW3 instruction can be used to trans-
fer the contents of register W3 to register A.
• Timer control register W4
Register W4 controls the operation and count source of timer LC,
the selection of CNTR output auto-control circuit and the count
edge of CNTR input. Set the contents of this register through reg-
ister A with the TW4A instruction. The TAW4 instruction can be
used to transfer the contents of register W4 to register A..
(2) Prescaler (interrupt function)
Prescaler is an 8-bit binary down counter with the prescaler reload
register RPS. Data can be set simultaneously in prescaler and the
reload register RPS with the TPSAB instruction. Data can be read
from reload register RPS with the TABPS instruction.
Stop counting and then execute the TPSAB or TABPS instruction
to read or set prescaler data.
Prescaler starts counting after the following process;
➀ set data in prescaler, and
➁ set the bit 0 of register PA to “1.”
When a value set in reload register RPS is n, prescaler divides the
count source signal by n + 1 (n = 0 to 255).
Count source for prescaler is the instruction clock (INSTCK).
Once count is started, when prescaler underflows (the next count
pulse is input after the contents of prescaler becomes “0”), new
data is loaded from reload register RPS, and count continues
(auto-reload function).
The output signal (ORCLK) of prescaler can be used for timer 1, 2,
and 3 count sources.
(3) Timer 1 (interrupt function)
Timer 1 is an 8-bit binary down counter with the timer 1 reload reg-
ister (R1). Data can be set simultaneously in timer 1 and the reload
register (R1) with the T1AB instruction. Data can be written to re-
load register (R1) with the TR1AB instruction. Data can be read
from timer 1 with the TAB1 instruction.
Stop counting and then execute the T1AB or TAB1 instruction to
read or set timer 1 data.
When executing the TR1AB instruction to set data to reload regis-
ter R1 while timer 1 is operating, avoid a timing when timer 1
underflows.
Timer 1 starts counting after the following process;
➀ set data in timer 1
➁ set count source by bits 0 and 1 of register W1, and
➂ set the bit 2 of register W1 to “1.”
When a value set in reload register R1 is n, timer 1 divides the
count source signal by n + 1 (n = 0 to 255).
Once count is started, when timer 1 underflows (the next count
pulse is input after the contents of timer 1 becomes “0”), the timer
1 interrupt request flag (T1F) is set to “1,” new data is loaded from
reload register R1, and count continues (auto-reload function).
INT pin input can be used as the start trigger for timer 1 count op-
eration by setting the bit 0 of register I1 to “1.”
Also, in this time, the auto-stop function by timer 1 underflow can
be performed by setting the bit 3 of register W1 to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com