Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4553 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 59Page - Renesas Technology Corp 4553 Datasheet HTML 60Page - Renesas Technology Corp 4553 Datasheet HTML 61Page - Renesas Technology Corp 4553 Datasheet HTML 62Page - Renesas Technology Corp 4553 Datasheet HTML 63Page - Renesas Technology Corp 4553 Datasheet HTML 64Page - Renesas Technology Corp 4553 Datasheet HTML 65Page - Renesas Technology Corp 4553 Datasheet HTML 66Page - Renesas Technology Corp 4553 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 63 of 142
REJ03B0024-0302
4553 Group
Fig. 61 Watchdog timer by software
<The main routine>
• Assigns a single word of RAM to a software watchdog timer
(SWDT) and writes the initial value N in the SWDT once at each
execution of the main routine. The initial value N should satisfy
the following condition:
N+1
≥ (Counts of interrupt processing executed in each main rou-
tine)
As the main routine execution cycle may change because of an
interrupt processing or others, the initial value N should have a
margin.
• Watches the operation of the interrupt processing routine by com-
paring the SWDT contents with counts of interrupt processing
after the initial value N has been set.
• Detects that the interrupt processing routine has failed and deter-
mines to branch to the program initialization routine for recovery
processing in the following case:
If the SWDT contents do not change after interrupt processing.
<The interrupt processing routine>
• Decrements the SWDT contents by 1 at each interrupt process-
ing.
• Determines that the main routine operates normally when the
SWDT contents are reset to the initial value N at almost fixed
cycles (at the fixed interrupt processing count).
• Detects that the main routine has failed and determines to branch
to the program initialization routine for recovery processing in the
following case:
If the SWDT contents are not initialized to the initial value N but
continued to decrement and if they reach 0 or less.
Main routine
(SWDT)
← N
EI
Main processing
(SWDT)
Interrupt processing
routine errors
N
Interrupt processing routine
(SWDT)
← (SWDT)—1
Interrupt processing
(SWDT)
Main routine
errors
>0
≤0
RTI
Return
=N?
≤0?
≠N
4. Setup for I/O ports
Setup I/O ports using hardware and software as follows:
<Hardware>
• Connect a resistor of 100
Ω or more to an I/O port in series.
<Software>
• As for an input port, read data several times by a program for
checking whether input levels are equal or not.
• As for an output port or an I/O port, since the output data may re-
verse because of noise, rewrite data to its port latch at fixed
periods.
• Rewrite data to pull-up control registers at fixed periods.
5. Providing of watchdog timer function by software
If a microcomputer runs away because of noise or others, it can be
detected by a software watchdog timer and the microcomputer can
be reset to normal operation. This is equal to or more effective than
program runaway detection by a hardware watchdog timer. The fol-
lowing shows an example of a watchdog timer provided by
software.
In the following example, to reset a microcomputer to normal op-
eration, the main routine detects errors of the interrupt processing
routine and the interrupt processing routine detects errors of the
main routine.
This example assumes that interrupt processing is repeated mul-
tiple times in a single main routine processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com