Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7545 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 54Page - Renesas Technology Corp 7545 Datasheet HTML 55Page - Renesas Technology Corp 7545 Datasheet HTML 56Page - Renesas Technology Corp 7545 Datasheet HTML 57Page - Renesas Technology Corp 7545 Datasheet HTML 58Page - Renesas Technology Corp 7545 Datasheet HTML 59Page - Renesas Technology Corp 7545 Datasheet HTML 60Page - Renesas Technology Corp 7545 Datasheet HTML 61Page - Renesas Technology Corp 7545 Datasheet HTML 62Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 59 of 59
REJ03B0140-0106
7545 Group
Notes on Oscillation Control
1. Stop mode
(1) When the stop mode is used, set “1” (STP instruction
enabled) to the STP instruction function selection bit (bit 1
of Function set ROM data (address FFDA16)).
(2) The oscillation stabilizing time after release of STP
instruction can be selected from “set automatically”/“not set
automatically” by the oscillation stabilizing time set bit after
release of the STP instruction (bit 0 of MISRG (address
3816)). When “0” is set to this bit, “0316” is set to timer 1
and “FF16” is set to prescaler 1 automatically at the
execution of the STP instruction. When “1” is set to this bit,
set the wait time to timer 1 and prescaler 1 according to the
oscillation stabilizing time of the oscillation. Also, when
timer 1 is used, set values again to timer 1 and prescaler 1
after system is returned from the stop mode.
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
Note on Product Shipped in Blank
As for the product shipped in blank, Renesas does not perform
the writing test to user ROM area after the assembly process
though the QzROM writing test is performed enough before the
assembly process. Therefore, a writing error of approx.0.1 %
may occur.
Moreover, please note the contact of cables and foreign bodies
on a socket, etc. because a writing environment may cause some
writing errors.
Precautions Regarding Overvoltage
Make sure that voltage exceeding the VCC pin voltage is not
applied to other pins. In particular, ensure that the state indicated
by bold lines in Figure 7 does not occur for pin P40 (CNVSS
power source pin for QzROM) during power-on or power-off.
Otherwise the contents of QzROM could be rewritten.
Fig 7.
Example of Overvoltage
DATA REQUIRED FOR QzROM WRITING ORDERS
The following are necessary when ordering a QzROM product
shipped after writing:
1. QzROM Writing Confirmation Form*
2. Mark Specification Form*
3. ROM data...........Mask file
* For the QzROM writing confirmation form and the mark
specification form, refer to the “Renesas Technology Corp.”
Homepage (http://www.renesas.com/homepage.jsp).
Notes on QzROM Writing Orders
When ordering the QzROM product shipped after writing,
submit the mask file (extension: .msk) which is made by the
mask file converter MM.
Be sure to set the ROM option setup data (referred to as “Mask
option setup data” in MM) when making the mask file by using
the mask file converter MM.
Notes on ROM Code Protect
(QzROM product shipped after writing)
As for the QzROM product shipped after writing, the ROM code
protect is specified according to the ROM option setup data in
the mask file which is submitted at ordering.
Renesas Technology corp. write the value of the ROM option
setup data in the ROM code protect address (address FFDB16)
when writing to the QzROM. As a result, in the contents of the
ROM code protect address the ordered value may differ from the
actual written value.
The ROM option setup data in the mask file is “0016” for protect
enabled or “FF16” for protect disabled. Therefore, the contents of
the ROM code protect address of the QzROM product shipped
after writing is “0016” or “FF16”.
If you set except “0016” and “FF16” or nothing at the ROM
option data, we cannot generate the ROM data.
NOTES ON HARDWARE
Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor
suitable for high frequencies as bypass capacitor between power
source pin (VCC pin, VDDR pin) and GND pin (VSS pin). Besides,
connect the capacitor to as close as possible. For bypass
capacitor which should not be located too far from the pins to be
connected, a ceramic capacitor of 0.1
µF is recommended.
Handling of CNVSS Pin
The CNVSS pin is connected to the internal memory circuit block
by a low-ohmic resistance, since it has the multiplexed function
to be a programmable power source pin (VPP pin) as well.
To improve the noise reduction, make the length of wiring
between the CNVSS pin and the VSS pin the shortest possible.
VCC pin voltage
CNVSS pin voltage
“L” input
(1) Input voltage to other MCU pins rises before Vcc pin voltage.
(2) Input voltage to other MCU pins falls after Vcc pin voltage.
Note: The internal circuitry is unstable when Vcc is below the minimum voltage
specification of 1.8 V (shaded portion), so particular care should be
exercised regarding overvoltage.
1.8V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com