Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7545 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 17Page - Renesas Technology Corp 7545 Datasheet HTML 18Page - Renesas Technology Corp 7545 Datasheet HTML 19Page - Renesas Technology Corp 7545 Datasheet HTML 20Page - Renesas Technology Corp 7545 Datasheet HTML 21Page - Renesas Technology Corp 7545 Datasheet HTML 22Page - Renesas Technology Corp 7545 Datasheet HTML 23Page - Renesas Technology Corp 7545 Datasheet HTML 24Page - Renesas Technology Corp 7545 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 21 of 59
REJ03B0140-0106
7545 Group
Fig. 16 Interrupt control diagram
• Interrupt Disable Flag
The interrupt disable flag is assigned to bit 2 of the processor
status register. This flag controls the acceptance of all interrupt
requests except for the BRK instruction. When this flag is set to
“1”, the acceptance of interrupt requests is disabled. When it is
set to “0”, acceptance of interrupt requests is enabled. This flag is
set to “1” with the SET instruction and set to “0” with the CLI
instruction.
When an interrupt request is accepted, the contents of the
processor status register are pushed onto the stack while the
interrupt disable flag remains set to “0”. Subsequently, this flag
is automatically set to “1” and multiple interrupts are disabled.
To use multiple interrupts, set this flag to “0” with the CLI
instruction within the interrupt processing routine.
The contents of the processor status register are popped off the
stack with the RTI instruction.
• Interrupt Request Bits
Once an interrupt request is generated, the corresponding
interrupt request bit is set to “1” and remains “1” until the request
is accepted . Wh en the reques t is accepted, th is bit is
automatically set to “0”.
Each interrupt request bit can be set to “0”, but cannot be set to
“1”, by software.
• Interrupt Enable Bits
The interrupt enable bits control the acceptance of the
corresponding interrupt requests. When an interrupt enable bit is
set to “0”, the acceptance of the corresponding interrupt request
is disabled. If an interrupt request occurs in this condition, the
corresponding interrupt request bit is set to “1”, but the interrupt
request is not accepted. When an interrupt enable bit is set to “1”,
acceptance of the corresponding interrupt request is enabled.
Each interrupt enable bit can be set to “0” or “1” by software.
The interrupt enable bit for an unused interrupt should be set to
“0”.
• Interrupt Edge Selection
The valid edge of external interrupt INT0 and INT1 can be
selected by the interrupt edge selection register(address003A16),
respectively.
• Key-on Wakeup Pin Selection
By setting the key-on wakeup pin selection register (address
001816), the valid or invalid of key-on wakeup for each pin can
be selected.
• Key-on Wakeup Edge Selection
By setting the key-on wakeup edge selection register (address
001916), the trigger edge of key-on wakeup for each pin can be
selected.
Interrupt disable flag I
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com