Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7545 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 2 Page - Renesas Technology Corp

  7545 Datasheet HTML 1Page - Renesas Technology Corp 7545 Datasheet HTML 2Page - Renesas Technology Corp 7545 Datasheet HTML 3Page - Renesas Technology Corp 7545 Datasheet HTML 4Page - Renesas Technology Corp 7545 Datasheet HTML 5Page - Renesas Technology Corp 7545 Datasheet HTML 6Page - Renesas Technology Corp 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 2 of 59
REJ03B0140-0106
7545 Group
Fig. 2 Pin configuration (PLSP0032JB-A type)
Fig. 3 Pin configuration (42S1M type)
P21(LED1)/INT1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P22(LED2)
P23(LED3)
P24(LED4)
P25(LED5)
P26(LED6)
P27(LED7)
P42/CARR
RESET
VCC
XIN
XOUT
VSS
P30
P20(LED0)/INT0
P07/KEY7
P06/KEY6
P05/KEY5
P04/KEY4
P03/KEY3
P02/KEY2
P01/KEY1
P37
P00/KEY0
P35
P34
P33
P32
P31
P36
CNVSS
VDDR
Package type: PLSP0032JB-A
PIN CONFIGURATION (TOP VIEW)
Package type: 42S1M
P22
(LED2)
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
P23
(LED3)
P24
(LED4)
NC
P25
(LED5)
P26
(LED6)
P27
(LED7)
P40
(LED8)
P42
/CARR
NC
NC
VDDR
RESET
P41
(LED9)
P21
(LED1)/INT1
P20
(LED0)/INT0
P07
/KEY7
P06
/KEY6
P05
/KEY5
P04
/KEY4
P03
/KEY3
P02
/KEY2
P01
/KEY1
P00
/KEY0
P36
NC
P35
P34
P33
P37
26
25
24
23
22
17
18
19
20
21
CNVSS
VCC
XIN
XOUT
VSS
P32
P31
P30
P11
P10
PIN CONFIGURATION (TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com