Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7641 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 42Page - Renesas Technology Corp 7641 Datasheet HTML 43Page - Renesas Technology Corp 7641 Datasheet HTML 44Page - Renesas Technology Corp 7641 Datasheet HTML 45Page - Renesas Technology Corp 7641 Datasheet HTML 46Page - Renesas Technology Corp 7641 Datasheet HTML 47Page - Renesas Technology Corp 7641 Datasheet HTML 48Page - Renesas Technology Corp 7641 Datasheet HTML 49Page - Renesas Technology Corp 7641 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 46 of 135
REJ03B0191-0400
USB Interrupts
The USB FCU has two interrupts, USB Function Interrupt and
USB SOF (Start Of Frame) Interrupt.
qUSB Function Interrupt (USBF-INT)
The USBF-INT is usable for the USB data flow control and power
management. The USBF-INT request occurs at data transmit/re-
ceive completion, overrun/underrun, reset, or receiving suspend/
resume signal. To enable this interrupt, the USB function interrupt
enable bit in the interrupt control register A (address 000516) and
the respective bit in the USB interrupt enable registers 1 and 2
(addresses 0005416 and 0005516) must be set to “1”. When set-
ting bit 7 in USB interrupt enable register 2 to “1”, the suspend
interrupt and the resume interrupt are enabled.
Endpoint x (x = 0 to 4) IN interrupt request occurs when the USB
Endpoint x IN interrupt status flag (INTST 0, 2, 4, 6, 8) of USB in-
terrupt status registers 1 and 2 (addresses 005216 and 005316) is
“1”. The USB Endpoint x IN interrupt status flag is set to “1” when
the respective endpoint IN_PKT_RDY bit is “1”.
Endpoint x (x = 0 to 4) OUT interrupt request occurs when the
USB endpoint x OUT interrupt status flag (INTST3, 5, 7, 9) in USB
interrupt status registers 1 and 2 is set to “1”. The USB Endpoint x
OUT interrupt status flag is set to “1” when the respective endpoint
OUT_PKT_RDY flag is “1”.
The overrun/underrun interrupt request occurs when the USB
overrun/underrun interrupt status flag (INTST12) in USB interrupt
status register 2 is set to “1”. This flag is set to “1” when the FIFO
data overruns or underruns in isochronous transfer mode.
The USB reset interrupt request occurs when the USB reset inter-
rupt status flag (INTST13) in USB interrupt status register 2 is set
to “1”. This flag is set when the SE0 is detected on the D+/D- line
for at least 2.5
µs. When this situation happens, all USB internal
registers (addresses 005016 to 005F16), except this flag, are ini-
tialized to the default state at reset. The USB reset interrupt is
always enabled.
The suspend/resume interrupt request occurs when either the
USB resume signal interrupt status flag (INTST14) or the USB
suspend signal interrupt status flag (INTST15) in USB interrupt
status register 2 is set to “1”.
The bits in both interrupt status registers 1 and 2 can be cleared
by writing “1” to each bit.
qUSB SOF interrupt
The USB SOF interrupt is usable in isochronous transfers. This in-
terrupt request occurs when an SOF packet is received. To enable
a USB SOF interrupt, set the USB SOF interrupt enable bit of in-
terrupt control register A to “1”.
Suspend/Resume Functions
If no bus activity is detected on the D+/D- line for at least 3 ms, the
USB suspend signal detect flag (SUSPEND) of the USB power
control register (address 005116) and the USB suspend signal in-
terrupt status flag of USB interrupt status register 2 are set to “1”
and the suspend interrupt request occurs. The following procedure
must be executed after pushing the internal registers (A, X, Y ) to
memories during the suspend interrupt process routine.
(1) Clear all bits of USB interrupt status register 1 (address
005216) and USB interrupt status register 2 (address 005316)
to “0”.
(2) Set the USB clock enable bit to “0”. (After disabling the USB
clock, do not write to any of the USB internal registers (ad-
dresses 005016 to 006416), except for the USB control register
(address 001316), clock control register (address 001F16), and
frequency synthesizer control register (address 006C16).
(3) Set the frequency synthesizer enable bit to “0”.
(4) Set the USB line driver current control bit to “1”. (Always keep
the USB line driver current control bit set to “0” during USB
function operations. When operating at Vcc = 3.3 V, this bit
does not need to be set.)
(5) Keep total drive current at 500
µA or less.
(6) Disable the timer 1 interrupt.
(7) Disable the timer 2 interrupt. (Disable all the other external in-
terrupts.)
(8) Set the timer 1 interrupt request bit to “0”.
(9) Set the timer 2 interrupt request bit to “0”.
(10) Set the interrupt disable flag (I) to “0”.
(11) Execute the STP instruction.
At this point, the MCU will be in stop mode (suspend mode). Be-
fore executing the STP instruction, make sure to set the USB
function interrupt request bit (bit 0 at address 000216) to “0” and
the USB function interrupt enable bit (bit 0 at address 000516) to
“1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com