Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7641 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 60Page - Renesas Technology Corp 7641 Datasheet HTML 61Page - Renesas Technology Corp 7641 Datasheet HTML 62Page - Renesas Technology Corp 7641 Datasheet HTML 63Page - Renesas Technology Corp 7641 Datasheet HTML 64Page - Renesas Technology Corp 7641 Datasheet HTML 65Page - Renesas Technology Corp 7641 Datasheet HTML 66Page - Renesas Technology Corp 7641 Datasheet HTML 67Page - Renesas Technology Corp 7641 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 64 of 135
REJ03B0191-0400
Fig. 57 Special count source generator block diagram
COUNT SOURCE GENERATOR
The 7641 Group has a built-in special count source generator,
SCSG. This generator consists of two 8-bit timers: SCSG1 and
SCSG2. The output of the special count source generator can be
used as a clock source for the timer X, serial I/O and two UARTs.
SCSG Operation
Timers SCSG1 and SCSG2 are both down count timers. When the
count reaches “0”, an underflow occurs at the next count source
rising edge and the contents of the corresponding timer latch are
loaded to the timer. The division ratio of each SCSG-x timer is
given by 1 / (n+1), where “n” is the value set to the SCSG-x timer.
The output of Timer SCSG1 is ANDed with the original clock (
φ) to
make a count source for Timer SCSG2.
The SCSG output is Clock SCSGCLK. The frequency is calculated
as follows:
SCSGCLK =
φ ✕ {n1 / (n1+1)} ✕ {1 / (n2+1)}
n1: value set to SCSG1
n2: value set to SCSG2
If the SCSG1 Count Stop Bit (SCSGM1) is set to “1”, or Timer
SCSG1 is set to “0”, the SCSG1 count stops. When this happens,
the count source for Timer SCSG2 becomes
φ.
Data Write Control
When the SCSG1 Data Write Control Bit or SCSG2 Data Write
Control Bit is set to “0”, and data is written to the SCSG-x timer;
the data is written to the corresponding latch and timer at the
same time. When that bit is set to “1”, the data is only written to
the latch.
SCSGCLK
SCSG1 count stop bit
SCSGCLK output control bit
φ
SCSG1 Timer Reload Latch
SCSG1 Timer (8)
SCSG1 data write control bit
SCSG2 data write control bit
SCSG2 Timer Reload Latch
SCSG2 Timer (8)
SCSGCLK output control bit
SCSGCLK output control bit
SCSG1 count stop bit
SCSG1 count stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com