Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7641 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 55Page - Renesas Technology Corp 7641 Datasheet HTML 56Page - Renesas Technology Corp 7641 Datasheet HTML 57Page - Renesas Technology Corp 7641 Datasheet HTML 58Page - Renesas Technology Corp 7641 Datasheet HTML 59Page - Renesas Technology Corp 7641 Datasheet HTML 60Page - Renesas Technology Corp 7641 Datasheet HTML 61Page - Renesas Technology Corp 7641 Datasheet HTML 62Page - Renesas Technology Corp 7641 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 59 of 135
REJ03B0191-0400
Fig. 54 Interrupt request circuit of data bus buffer
MASTER CPU BUS INTERFACE
The 7641 group internally has a 2-byte bus interface which control
signals from the host CPU side can operate (slave mode).
This bus interface allows the 7641 group to be directly connected
with a R/W type of CPU bus or a RD and WR separated type of
CPU bus. Figure 56 shows the block diagram of master CPU bus
interface function.
The data bus buffer function I/O pins (P52 – P57, P6, P72–P74)
also function as the normal I/O ports. When the Master CPU Bus
Interface Enable bit of Data Bus Buffer Control Register (bit 6 of
address 004A16) is “0”, these pins become the normal I/O ports.
When it is “1”, these pins become the master CPU bus interface
function pins.
Additionally, when using the master CPU bus interface function,
set port P6 to input mode by setting “0016” into its port direction
register (address 001516).
The selection of either the single data bus buffer mode, which
uses 1 byte: data bus buffer 0 only, or the double data bus buffer
mode, which uses 2 bytes: data bus buffer 0 and data bus buffer
1, is performed by the Data Bus Buffer Function Select Bit of Data
Bus Buffer Control Register 1 (bit 7 of address 004E16). Port P72
becomes S1 input pin in the double data bus buffer mode.
When data is written from the host CPU side, an input buffer full
interrupt occurs. When data is read from the host CPU, an output
buffer empty interrupt occurs. The 7641 group shares two input
buffer full interrupt requests and two output buffer empty interrupt
requests as shown in Figure 54, respectively.
The 7641 group can also operate the master CPU bus interface
connecting with the Built-in DMAC. This could transfer a large
amount of data fast.
An input signal level of data bus buffer function input pins can be
selected between a CMOS level and a TTL level. Set it using the
Master CPU Bus Input Level Select Bit of Port Control Register
(address 001016)
.
Input buffer
full flag 0
IBF0
Input buffer
full flag 1
IBF1
Rising edge
detection circuit
One-shot pulse
generating circuit
One-shot pulse
generating circuit
Input buffer full interrupt
request signal IBF
Output buffer
full flag 0
OBF0
Output buffer
full flag 1
OBF1
One-shot pulse
generating circuit
One-shot pulse
generating circuit
Output buffer empty interrupt
request signal OBE
Interrupt request is set at this rising edge
Interrupt request is set at this rising edge
IBF0
IBF1
IBF
OBF0
(
OBE0)
OBF1
(
OBE1)
OBE
OBE0
OBE1
Rising edge
detection circuit
Rising edge
detection circuit
Rising edge
detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com