Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071FN Datasheet(PDF) 10 Page - STMicroelectronics

Part # STU2071FN
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071FN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STU2071FN Datasheet HTML 6Page - STMicroelectronics STU2071FN Datasheet HTML 7Page - STMicroelectronics STU2071FN Datasheet HTML 8Page - STMicroelectronics STU2071FN Datasheet HTML 9Page - STMicroelectronics STU2071FN Datasheet HTML 10Page - STMicroelectronics STU2071FN Datasheet HTML 11Page - STMicroelectronics STU2071FN Datasheet HTML 12Page - STMicroelectronics STU2071FN Datasheet HTML 13Page - STMicroelectronics STU2071FN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Maintenance and service channel.
The ternary symbols M1 and M2 represent non-
scrambled data that can be transmitted at a rate
of 1 kBaud. Those symbols are used for various
purposes:
- Maintenance Channel (control test loops
(LT
→ NT) and frame errors (LT → NT)
- Service channel (transparent user data and
transmit messages from NT to LT)
Encoding.
The encoding of a binary bit stream is made such
that 4 binary bits correspond to 3 symbols of ter-
nary symbol stream. The encoding follows the
rules of modified monitoring state 43 (MMS43).
COMMAND / INDICATE CHANNEL (A bits)
Command/Indicate codes are define depending on the mode selected (LT or NT).
NT mode COMMANDS (DIN)
ACT
1 0 0 0
Activate.
Layer 1 is activated at the UK0 interface starting with a ’wake-up’ signal INFO
U1W, followed by INFO U1A during synchronization and closed by INFO U1
when synch is gained.
AW
0 0 0 0
Awake.
Set the module interface from the power-down to the power-up state. No signal
is emitted at UK0 interface. Even DIN pin pulled LOW can have the same effect.
DC
1 1 1 1
Deactivation confirmation.
The module interface is deactivated. The transmitter is disabled but the receiver
is still enabled to recognize an awake signal. THe UIC is set in power down
state.
RES
1 1 0 1
Reset.
Reset the UIC to the initial state.
SY
1 1 0 0
Synchronize.
Drive the UIC in connect through from module interface to line interface.
Remark: Executing the command RES (1101) is functionally equivalent to pulling the RESETN pin (6)
LOW, with one exception:
a) RES command set pin DISS to HIGH (+5V)
b) pulling RESETN LOW set pin DISS to LOW (0V).
NT mode INDICATION (DOUT)
ACT
1 0 0 0
Activate.
The synchronous state of the receiver is reached.
DC
1 1 1 1
Deactivation confirmation.
The transmitter is disabled but the receiver remains enabled to detect awake
signals at UK0 UIC is set in power down state.
DEAC
0 0 0 0
Deactivate.
A request to deactivate INFO U0 has been detected.
CT
1 1 0 0
Connection Through.
The UIC is fully activated.
CTL2
1 1 1 0
Connection through with loop 2.
A loop 2 command has been detected at UK0.
L2
1 0 1 0
Loop 2.
Synchronization has been reached during a Loop 2 activation procedure.
RSYN
0 1 0 0
Resynchronization.
The receiver has lost framing and is attempting to resynchronize.
STU2071
10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com