Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071FN Datasheet(PDF) 15 Page - STMicroelectronics

Part # STU2071FN
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071FN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STU2071FN Datasheet HTML 10Page - STMicroelectronics STU2071FN Datasheet HTML 11Page - STMicroelectronics STU2071FN Datasheet HTML 12Page - STMicroelectronics STU2071FN Datasheet HTML 13Page - STMicroelectronics STU2071FN Datasheet HTML 14Page - STMicroelectronics STU2071FN Datasheet HTML 15Page - STMicroelectronics STU2071FN Datasheet HTML 16Page - STMicroelectronics STU2071FN Datasheet HTML 17Page - STMicroelectronics STU2071FN Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DIGITAL INTERFACE DYNAMIC CHARACTERISTICS (continued)
Master clock.
Parameter
Port
from
to
Conditions
C
Min.
Max.
pF
ns
ns
Rise Time tr
Fall Time tf
XTAL2
XTAL2
1.0V
3.5V
3.5V
1.0V
10
10
15
15
Rise Time tr
Fall Time tf
CLS
CLS
10%
90%
90%
10%
25
25
15
15
Pulse Width
CLS
CLS +/–
CLS –/+
25
20
+ = rising edge
– = falling edge
Setup Time ts
Hold Time th
Delay min. td
Delay max. td
DIN, FR, i +/–
CL, i +
CL, i + CL, i –
CL, i + CL, i –
2.5V
2.5V
2.5V
2.5V
CL, i +
DIN, FR, i +/–
DOUT +/–
DOUT +/–
2.5V
2.5V
0.4 / 4V
4 / 0.4V
Delay min. td
(negative)
Delay max. td
CL, i +
CL, i +
2.5V
2.5V
FR, i +
FR, i +
3.5V
1V
Setup Time ts
Hold Time ts
Delay max. td
Delay min. td
(negative)
Delay max. td
DIN, +/–
CL, o +
CL, o +
CL, o +
CL, o +
2.5V
2.5V
2.5V
2.5V
2.5V
CL, o +
DIN +/–
DOUT +/–
FR, o +
FR, o +
2.5V
2.5V
4 / 0.4V
0.33V
VDD - 0.66V
Pulse Width tp
Clock Width tc
CL, o +/–
CL, o +/–
2.5V
2.5V
CL, o –/+
CL, o +/–
2.5V
2.5V
Pulse Width tp
Clock Width tc
CLS, MXCL +/–
CLS, MXCL +/–
2.5V
2.5V
CL, o –/+
CL, o +/–
2.5V
2.5V
STU2071
15/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com