Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071FN Datasheet(PDF) 4 Page - STMicroelectronics

Part # STU2071FN
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071FN Datasheet(HTML) 4 Page - STMicroelectronics

  STU2071FN Datasheet HTML 1Page - STMicroelectronics STU2071FN Datasheet HTML 2Page - STMicroelectronics STU2071FN Datasheet HTML 3Page - STMicroelectronics STU2071FN Datasheet HTML 4Page - STMicroelectronics STU2071FN Datasheet HTML 5Page - STMicroelectronics STU2071FN Datasheet HTML 6Page - STMicroelectronics STU2071FN Datasheet HTML 7Page - STMicroelectronics STU2071FN Datasheet HTML 8Page - STMicroelectronics STU2071FN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RECOMMENDED APPLICATIONS
LT mode
MODE DEPENDENT FUNCTIONS
PIN
MODE
LT burst
NT
LT
LTRP
NTRP
LT
input
10100
BURST
input
10000
S2, S1, S0
input
static
1 0 0
0 0 0
0 0 1
0 1 0
DIN
DOUT
input
output
2048
kbit/s
256
kbit/s
256
kbit/s
256
kbit/s
256
kbit/s
CLS (MHz)
output
7.68
7.68
7.68
–
7.68
CL (KHz)
input
output
4096
–
–
512
512
–
512
–
–
512
FR (KHz)
input
output
8
–
–
8
8
–
8
–
–
8
Figure 2: LT Schematic Application Diagram
DIN:
DOUT:
CL:
FR:
XTAL2:
CLS:
Data input, datarate = 256 kbit/s, continuous
Data output, datarate = 256 kbit/s, continuous
Data clock input, f = 512 KHz
Frame clock input, f = 8 KHz (1:1)
System clock input, f = 15.36 MHz (Tx clock synchronous to system clock)
Clock output, 7.68 MHz
STU2071
4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com