Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0042A
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042A Datasheet(HTML) 2 Page - STMicroelectronics

  STV0042A Datasheet HTML 1Page - STMicroelectronics STV0042A Datasheet HTML 2Page - STMicroelectronics STV0042A Datasheet HTML 3Page - STMicroelectronics STV0042A Datasheet HTML 4Page - STMicroelectronics STV0042A Datasheet HTML 5Page - STMicroelectronics STV0042A Datasheet HTML 6Page - STMicroelectronics STV0042A Datasheet HTML 7Page - STMicroelectronics STV0042A Datasheet HTML 8Page - STMicroelectronics STV0042A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PIN ASSIGNMENT
Pin Number
Name
Function
1
FC R
Audio Roll-off Right
3
SUM OUT
Noise Reduction Summing Output
2
PK IN
Noise Reduction Peak Detector Input
4
VOL R
Volume Controlled Audio Out Right
5
S1 VID OUT
TV-Scart 1 Video Output
6
S2 VID OUT
VCR-Scart 2 Video Output
7
VOL L
Volume Controlled Audio Out Left
8
S2 VID RTN
VCR-Scart 2 Video Return
9
S2 OUT L
Fixed Level Audio Output Left
10
CLAMP IN
Sync-Tip Clamp Input
11
S2 OUT R
Fixed Level Audio Output Right
12
UNCL DEEM
Unclamped Deemphasized Video Output
13
VIDEEM2/22kHz
Video Deemphasis 2 or 22kHz Output
14
V 12V
Video 12V Supply
15
VIDEEM1
Video Deemphasis 1
16
V GND
Video Ground
17
B-BAND IN
Base Band Input
18
S2 RTN L
Auxiliary Audio Return Left
19
S2 RTN R
Auxiliary Audio Return Right
20
FM IN
FM Demodulator Input
21
AGC L
AGC Peak Detector Capacitor Left
22
SCL
I
2C Bus Clock
23
SDA
I
2C Bus Data
24
XTL
4/8MHz Quartz Crystal or Clock Input
25
VDD 5V
Digital 5V Power Supply
26
GND 5V
Digital Power Ground
27
CPUMP L
FM PLL Charge Pump Capacitor Left
28
DET L
FM PLL Filter Left
29
U75 L
Deemphasis Time Constant Left
30
AMPLK L
Amplitude Detector Capacitor Left
31
AGC R
AGC Peak Detector Capacitor Right
32
A GND L
Audio Ground
33
VREF
2.4V Reference
34
A 12V
Audio 12V Supply
35
AMPLK R
Amplitude Detector Capacitor Left
36
DET R
FM PLL Filter Right
37
U75 R
Deemphasis Time Constant Right
38
CPUMP R
FM PLL Charge Pump Capacitor Right
39
IREF
Current Reference Resistor
40
PK OUT
Noise Reduction Peak Detector Output
41
FC L
Audio Roll-off Left
42
A GND R
Audio Ground
STV0042A
2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com