Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV0042A
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042A Datasheet(HTML) 5 Page - STMicroelectronics

  STV0042A Datasheet HTML 1Page - STMicroelectronics STV0042A Datasheet HTML 2Page - STMicroelectronics STV0042A Datasheet HTML 3Page - STMicroelectronics STV0042A Datasheet HTML 4Page - STMicroelectronics STV0042A Datasheet HTML 5Page - STMicroelectronics STV0042A Datasheet HTML 6Page - STMicroelectronics STV0042A Datasheet HTML 7Page - STMicroelectronics STV0042A Datasheet HTML 8Page - STMicroelectronics STV0042A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
STV0042A
B-BAND
Video
Processing
4x 2
Video
Matrix
2
2
From Tuner
Audio
Matrix
+
Volume
FM
Demodulation
2 Channels
From Tuner
Noise
Reduction +
Deemphasis
1
I2C Bus
Interface
From
VCR/Decoder
22kHz to LNB
2
2
To TV, VCR/Decoder
Active in Stand-by
GENERAL BLOCK DIAGRAM
CLAMP
CLAMP
Normal
VCR / Decoder Return
To Decoder or VCR
To TV
S1 VID OUT
S2 VID OUT
S2 VID RTN
CLAMP IN
G
B-BAND IN
STV0042A
22kHz
TONE
Baseband
LPF
VIDEEM1
VIDEEM2/22kHz
UNCL DEEM
NTSC
PAL
Deemphasized
± 1
17
13
15
12
5
6
8
10
÷ 2
VIDEO PROCESSING BLOCK DIAGRAM
STV0042A
5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com