Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0042A Datasheet (PDF) - STMicroelectronics

STV0042A Datasheet PDF - STMicroelectronics
Part # STV0042A
Download  STV0042A Download
File Size   235.35 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SATELLITE SOUND AND VIDEO PROCESSORS

STV0042A Datasheet (PDF)

Go To PDF Page Download Datasheet
STV0042A Datasheet PDF - STMicroelectronics

Part # STV0042A
Download  STV0042A Click to download

File Size   235.35 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SATELLITE SOUND AND VIDEO PROCESSORS

STV0042A Datasheet (HTML) - STMicroelectronics


STV0042A Product details

DESCRIPTION

The STV0042ABICMOS integrated circuit realizes all the necessary signal processing from the tuner to the Audio/Video input and output connectors regardless the satellite system.

The STV0042 is intended for low cost satellite receiver application.



SOUND

. TWOINDEPENDENTSOUNDDEMODULATORS

. PLL DEMODULATION WITH 5-10MHz FREQUENCY SYNTHESIS

. PROGRAMMABLE FM DEMODULATOR BANDWIDTH ACCOMODATING FM DEVIA TIONS FROM ±30kHz TILL ±400kHz

. PROGRAMMABLE 50/75µs OR NO DE-EM PHASIS

. DYNAMIC NOISE REDUCTION

. ONE OR TWO AUXILIARY AUDIO INPUTS AND OUTPUTS

. GAIN CONTROLLED AND MUTEABLE AUDIO OUTPUTS

. HIGH IMPEDANCE MODE AUDIO OUTPUTS FOR TWIN TUNER APPLICATIONS



VIDEO

. COMPOSITE VIDEO 6-bit 0 to 12.7dB GAIN CONTROL

. COMPOSITE VIDEO SELECTABLE IN VERTER

. TWO SELECTABLE VIDEO DE-EMPHASIS NETWORKS

. 4 x 2 VIDEO MATRIX

. HIGH IMPEDANCE MODE VIDEO OUTPUTS FOR TWIN TUNER APPLICATIONS



MISCELLANEOUS

. 22kHzTONEGENERATIONFORLNBCONTROL

. I2C BUS CONTROL : CHIP ADDRESSES = 06HEX

. LOW POWER STAND-BY MODE WITH ACTIVE AUDIO AND VIDEOMATRIXES



 




Similar Part No. - STV0042A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056 STMICROELECTRONICS-STV0056 Datasheet
248Kb / 26P
SATELLITE SOUND AND VIDEO PROCESSORS
Sep-1996
STV0056 STMICROELECTRONICS-STV0056 Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
SATELLITE SOUND AND VIDEO PROCESSORS
Sep-1996
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
More results


Similar Description - STV0042A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
SATELLITE SOUND AND VIDEO PROCESSORS
Sep-1996
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
Oct-1993
logo
Micronas
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
Multistandard Sound Processors
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
IF Filter for Video and Sound
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
5.1ch Sound Processors
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
DaVinci Video Processors
9900 TI-9900 Datasheet
5Mb / 104P
Video Display Processors
NOVEMBER 1982
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com