Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet (PDF) - STMicroelectronics

STV0056 Datasheet PDF - STMicroelectronics
Part # STV0056
Download  STV0056 Download
File Size   248.78 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SATELLITE SOUND AND VIDEO PROCESSORS

STV0056 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV0056 Datasheet PDF - STMicroelectronics

Part # STV0056
Download  STV0056 Click to download

File Size   248.78 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SATELLITE SOUND AND VIDEO PROCESSORS

STV0056 Datasheet (HTML) - STMicroelectronics


STV0056 Product details

DESCRIPTION
The STV0056A BICMOS integrated circuit realizes all the necessary signal processing from the tuner to the Audio/Video input and output connectors regardless the satellite system.

SOUND
■ TWO INDEPENDENT SOUND DEMODULATORS
■ PLL DEMODULATION WITH 5-10MHz FREQUENCY SYNTHESIS
■ PROGRAMMABLE FM DEMODULATOR BANDWIDTH ACCOMODATING FM DEVIATIONS FROM ±30kHz TILL ±400kHz
■ PROGRAMMABLE 50/75µs, J17 OR NO DEEMPHASIS
■ WEGENER PANDA SYSTEM
■ TWO AUXILIARY AUDIO INPUTS AND OUTPUTS
■ GAIN CONTROLLED AND MUTEABLE AUDIO OUTPUTS
■ HIGH IMPEDANCE MODE AUDIO OUTPUTS FOR TWIN TUNER APPLICATIONS

VIDEO
■ COMPOSITE VIDEO 6-bit 0 to 12.7dB GAIN CONTROL
■ COMPOSITE VIDEO SELECTABLE INVERTER
■ TWO SELECTABLE VIDEO DE-EMPHASIS NETWORKS
■ 6 x 3 VIDEO MATRIX
■ BLACK LEVEL ADJUSTABLE OUTPUT FOR ON-BOARD VIDEOCRYPT DECODER
■ HIGH IMPEDANCE MODE VIDEO OUTPUTS FOR TWIN TUNER APPLICATIONS

MISCELLANEOUS
■ 22kHz TONE GENERATION FOR LNB CONTROL
■ I2C BUS CONTROL CHIP ADDRESSES = 06HEX OR 46HEX
■ LOW POWER STAND-BY MODE WITH ACTIVE AUDIO AND VIDEO MATRIXES




Similar Part No. - STV0056

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0056 STMICROELECTRONICS-STV0056 Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
More results


Similar Description - STV0056

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0042A STMICROELECTRONICS-STV0042A Datasheet
235Kb / 24P
SATELLITE SOUND AND VIDEO PROCESSORS
Mar-1997
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
SATELLITE SOUND AND VIDEO PROCESSOR
Feb-1998
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
Oct-1993
logo
Micronas
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
Multistandard Sound Processors
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
IF Filter for Video and Sound
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
5.1ch Sound Processors
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
DaVinci Video Processors
9900 TI-9900 Datasheet
5Mb / 104P
Video Display Processors
NOVEMBER 1982
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com