Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0056 Datasheet HTML 1Page - STMicroelectronics STV0056 Datasheet HTML 2Page - STMicroelectronics STV0056 Datasheet HTML 3Page - STMicroelectronics STV0056 Datasheet HTML 4Page - STMicroelectronics STV0056 Datasheet HTML 5Page - STMicroelectronics STV0056 Datasheet HTML 6Page - STMicroelectronics STV0056 Datasheet HTML 7Page - STMicroelectronics STV0056 Datasheet HTML 8Page - STMicroelectronics STV0056 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PIN ASSIGNMENT
Pin Number
Name
Function
1
FC R
Audio Roll-off Right
2
PK IN R
Noise Reduction Peak Detector Input Right
3
LEVEL R
Noise Reduction Level Right
4
S1 VID RTN
TV-Scart 1 Video Return
5
S3 VID RTN
Decoder-Scart Video Return
6
VOL R
Volume Controlled Audio Out Right
7
S3 VID OUT
Decoder-Scart Video Output
8
S1 VID OUT
TV-Scart 1 Video Output
9
S2 VID OUT
VCR-Scart 2 Video Output
10
VOL L
Volume Controlled Audio Out Left
11
S2 VID RTN
VCR-Scart 2 Video Return
12
S2 OUT L
Fixed Level Audio Output Left (to VCR)
13
CLAMP IN
Sync-Tip Clamp Input
14
S2 OUT R
Fixed Level Audio Output Right (to VCR)
15
UNCL DEEM
Unclamped Deemphasized Video Output
16
VIDEEM2/22kHz
Video Deemphasis 2 or 22kHz Output
17
V 12V
Video 12V Supply
18
VIDEEM1
Video Deemphasis 1
19
V GND
Video Ground
20
B-BAND IN
Base Band Input
21
S2 RTN L
Auxiliary Audio Return Left (from VCR)
22
S2 RTN R
Auxiliary Audio Return Right (from VCR)
23
FM IN
FM Demodulator Input
24
S3 RTN L
Auxiliary Audio Return Left (from decoder)
25
S3 RTN R
Auxiliary Audio Return Right (from decoder)
26
AGC L
AGC Peak Detector Capacitor Left
27
S3 OUT L
Auxiliary Audio Output L (to decoder)
28
S3 OUT R
Auxiliary Audio Output R (to decoder)
29
I/O/22kHz
Digital Input/Output or 22kHz Output
30
SCL
I
2C Bus Clock
31
SDA
I
2C Bus Data
32
HA
Hardware Address
33
J17 R
J17 Deemphasis Time Constant Right
34
J17 L
J17 Deemphasis Time Constant Left
35
XTL
4/8MHz Quartz Crystal or Clock Input
36
VDD 5V
Digital 5V Power Supply
37
GND 5V
Digital Power Ground
38
CPUMP L
FM PLL Charge Pump Capacitor Left
39
DET L
FM PLL Filter Left
40
U75 L
Deemphasis Time Constant Left
41
AMPLK L
Amplitude Detector Capacitor Left
42
AGC R
AGC Peak Detector Capacitor Right
43
A GND L
Audio Ground
44
VREF
2.4V Reference
STV0056A
2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com