Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 4 Page - STMicroelectronics

  STV0056 Datasheet HTML 1Page - STMicroelectronics STV0056 Datasheet HTML 2Page - STMicroelectronics STV0056 Datasheet HTML 3Page - STMicroelectronics STV0056 Datasheet HTML 4Page - STMicroelectronics STV0056 Datasheet HTML 5Page - STMicroelectronics STV0056 Datasheet HTML 6Page - STMicroelectronics STV0056 Datasheet HTML 7Page - STMicroelectronics STV0056 Datasheet HTML 8Page - STMicroelectronics STV0056 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
A 12V
Double bonded main power pin for the audio/FM
section of the chip. The two bond connections are
to the ESD and to power the circuit and on chip
regulators/references.
A GND L
This ground pin is double bonded :
1) to channel LEFT : RF section & VCO,
2) to both AGC amplifiers, channel LEFT and
RIGHT audio filter section.
A GND R
This ground pin is double bonded :
1) to the volume control, noise reduction system,
ESD + Mux + VREF
2) to channel right : RF section & VCO
BASEBAND AUDIO PROCESSING
PK OUT L, PK OUT R, PK OUT
The noise reduction control loop peak detector
output requires a capacitor to ground from this pin,
and a resistor to VREF pin to give some accurate
decay time constant. An on chip 5k
Ω ±25 % resistor
and external capacitor give the attack time.
PK IN L, PK IN R or PK IN
Each of these pins is an input to a control loop peak
detector and is connected to the output of the
offchip control loop band pass filter.
LEVEL L, LEVEL R
Respectively the audio left and right signals of the
FM demodulators are output to level L and level R
pins through an input follower buffer. The off-chip
filters driven by these pins must include AC cou-
pling to the next stage (PK IN L and PK IN R pins
respectively).
FC L, FC R
The variable bandwidth transconductance ampli-
fier has a current output which is variable depend-
ing on the input signal amplitude as defined by the
control loop of the noise reduction. The output
current is then dumped into an off-chip capacitor
which together with the accurate current reference
define the min/max rolloff frequencies. Aresistor in
series with a capacitor is connected to ground from
these two pins.
J17 L, J17 R
The external J17 de-emphasis networks for chan-
nels left and right. The amplifier for this filter is
voltage input, current output. Output with
±500mV
input will be
±55µA.
To perform J17 de-emphasis with the STV0042, an
external circuit is required.
U75 L, U75 R
External deemphasis networks for channels left
and right. For each channel a capacitor and resistor
in parallel of 75
µs time constant are connected
between here and VREF to provide 75
µs de-empha-
sis. Internally selectable is an internal resistor that
can be programmed to be added in parallel thereby
converting the network to approx 50
µs de-empha-
sis (see control block map). The value of the inter-
nal resistors is 54k
Ω ±30 %. The amplifier for this
filter is voltage input, current output ; with
±500mV
input the output will be
±55µA.
VOL L, VOL R
The main audio output from the volume control
amplifier the signal to get output signals as high as
2VRMS (+12dB) on a DC bias of 4.8V. Control is
from +12dB to -26.75dB plus Mute with 1.25dB
steps. This amplifier has short circuit protection and
is intended to drive a SCART connector directly via
AC coupling and meets the standard SCART drive
requirements. These outputs feature high imped-
ance mode for parallel connection.
S2 OUT L, S2 OUT R, S3 OUT L, S3 OUT R
These audio outputs are sourced directly from the
audio MUX, and as a result do not include any
volume control function. They will output a 1VRMS
signal biased at 4.8V. They are short circuit pro-
tected. These outpu ts feature high impedance
mode for parallel connection and meet SCART
drive requirement.
S2 RTN L, S2 RTN R, S3 RTN L, S3 RTN R
These pins allow auxiliary audio signals to be con-
nected to the audio processor and hence makes
use of the on-chip volume control. For additional
details please refer to the audio switching table.
PIN DESCRIPTION (continued)
STV0056A
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com