Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 3 Page - STMicroelectronics

  STV0056 Datasheet HTML 1Page - STMicroelectronics STV0056 Datasheet HTML 2Page - STMicroelectronics STV0056 Datasheet HTML 3Page - STMicroelectronics STV0056 Datasheet HTML 4Page - STMicroelectronics STV0056 Datasheet HTML 5Page - STMicroelectronics STV0056 Datasheet HTML 6Page - STMicroelectronics STV0056 Datasheet HTML 7Page - STMicroelectronics STV0056 Datasheet HTML 8Page - STMicroelectronics STV0056 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Pin Number
Name
Function
45
A 12V
Audio 12V Supply
46
AMPLK R
Amplitude Detector Capacitor Left
47
DET R
FM PLL Filter Right
48
U75 R
Deemphasis Time Constant Right
49
CPUMP R
FM PLL Charge Pump Capacitor Right
50
IREF
Current Reference Resistor
51
PK OUT R
Noise Reduction Peak Detector Output Right
52
PK OUT L
Noise Reduction Peak Detector Output Left
53
LEVEL L
Noise Reduction Level Left
54
PK IN L
Noise Reduction Peak Detector Input
55
FC L
Audio Roll-off Left
56
A GND R
Audio Ground
PIN ASSIGNMENT (continued)
SOUND DETECTION
FMIN
This is the input to the two FM demodulators. It
feeds two AGC amplifiers with a bandwidth of at
least 5-10MHz. There is one amplifier for each
channel both with the same input. The AGC ampli-
fiers have a 0dB to +40dB range.
ZIN =5k
Ω, Min input = 2mVPP per subcarrier.
Max input = 500mVPP (max when all inputs are
added together, when their phases coincide).
AGC L, AGC R
AGC amplifiers peak detector capacitor connec-
tions. The output current has an attack/decay ratio
of 1:32. That is the ramp up current is approxi-
mately 5
µA and decay current is approximately
160
µA. 11V gives maximum gain. These pins are
also driven by a circuit monitoring the voltage on
AMPLK L and AMPLK R respectively.
AMPLK L, AMPLK R
The outputs of amplitude detectors LEFT and
RIGHT. Each requires a capacitor and a resistor to
GND. The voltage across this is used to decide
whether there is a signal being received by the FM
detector. The level detector output drives a bit in
the detector I
2C bus control block.
AMPLK L and AMPLK R drive also respectively
AGC L and AGC R. For instance when the voltage
on AMPLK L is > (VREF +1 VBE) it sinks current to
VREF from pin AGCL to reduce the AGC gain.
DET L, DET R
Respectively the outputs of the FM phase detector
left and right.
This is for the connection of an external loop filter
for the PLL. The output is a push-pull current
source.
CPUMP L, CPUMP R
The output from the frequency synthesizer is a
push-pull current source which requires a capacitor
to ground to derive a voltage to pull the VCO to the
target frequency. The output is
±100µA to achieve
lock and
±2µA during lock to providea trackingtime
constant of approximately 10Hz.
VREF
This is the audio processor voltage reference used
through out the FM/audio section of the chip. As
such it is essential that it is well decoupled to
ground to reduce as far as possible the risk of
crosstalk and noise injection. This voltage is de-
rived directly from the bandgap reference of 2.4V.
The VREF output can sink up to 500
µA in normal
operation and 100
µA when in stand-by.
IREF
This is a buffered VREF output to an off-chip resistor
to produce an accurate current reference, within
the chip, for the biasing of amplifiers with current
outputs into filters. It is also required for the Noise
reduction circuit to provide accurate roll-off fre-
quencies. This pin should not be decoupled as it
would inject current noise. The target current is
50
µA ±2% thus a 47.5kΩ ±1% is required.
PIN DESCRIPTION
STV0056A
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com