Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV0056 Datasheet HTML 14Page - STMicroelectronics STV0056 Datasheet HTML 15Page - STMicroelectronics STV0056 Datasheet HTML 16Page - STMicroelectronics STV0056 Datasheet HTML 17Page - STMicroelectronics STV0056 Datasheet HTML 18Page - STMicroelectronics STV0056 Datasheet HTML 19Page - STMicroelectronics STV0056 Datasheet HTML 20Page - STMicroelectronics STV0056 Datasheet HTML 21Page - STMicroelectronics STV0056 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
CONTROL REGISTERS (continued)
Reg 2
write only
Bit (default F7HEX)
0
H
Select video source for scart 1 O/P
1
H
Select video source for scart 1 O/P
2
H
Select video source for scart 1 O/P
3
L
Select 4.000MHz or 8.000MHz clock speed (L = 8MHz)
4
H
Select audio source for volume output (Switch K1)
5
H
Select audio source for volume output (Switch K1)
6
H
Select Left/Right/Stereo for volume output
7
H
Select Left/Right/Stereo for volume output
Reg 3
write only
Bit (default F7HEX)
0
H
Select video source for scart 2 O/P
1
H
Select video source for scart 2 O/P
2
H
Select video source for scart 2 O/P
3
L
Video deemphais 2 / 22kHz (H : 22kHz)
4
H
Select audio source for Scart 2 output (Switch K5)
5
H
Select audio source for Scart 2 output (Switch K5)
6
H
Audio deemphasis select (Switch K2)
7
H
Audio deemphasis select (Switch K2)
Reg 4
write only
Bit (default BFHEX)
0
H
Select source for video decoder O/P
1
H
Select source for video decoder O/P
2
H
Select source for video decoder O/P
3
H
Stand-by or low power mode (H = low power)
4
H
Select audio source for Scart 3 output (Switch K6)
5
H
Select audio source for Scart 3 output (Switch K6)
6
L
Black level adjust on Scart 3 video
7
H
Black level adjust on Scart 3 video
Reg 5
write only
Bit (default B5HEX)
0
H
FM deviation selection -- default value for 50kHz modulation
1
L
FM deviation selection
2
H
FM deviation selection
3
L
FM deviation selection
4
H
FM deviation selection
5
H
FM deviation selection (L = double the FM deviation)
6
L
Select 22kHz for I/O
(Pin 29 / STV0056A)
7
H
Select TP50a (H) or I/O
(Pin 29 / STV0056A). TP50a for test only.
Reg 6
write/read
Bit (default 86HEX)
0
L
Status of I/O
1
H
Select data direction of I/O 1 ( H = output)
2
H
Select frequency synthesizer 1 OFF/ON (L = OFF)
3
L
Select frequency synthesizer 2 OFF/ON (L = OFF)
4
L
Select RF source (L = OFF) to FM det 1
5
L
Select RF source (L = OFF) to FM det 2
6
L
Select frequency for PLL synthesizer - LSB (bit 0) of 10-bit value
7
H
Select frequency for PLL synthesizer - bit 1 of 10-bit value
STV0056A
18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com