Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056AF Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV0056AF
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056AF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV0056AF Datasheet HTML 11Page - STMicroelectronics STV0056AF Datasheet HTML 12Page - STMicroelectronics STV0056AF Datasheet HTML 13Page - STMicroelectronics STV0056AF Datasheet HTML 14Page - STMicroelectronics STV0056AF Datasheet HTML 15Page - STMicroelectronics STV0056AF Datasheet HTML 16Page - STMicroelectronics STV0056AF Datasheet HTML 17Page - STMicroelectronics STV0056AF Datasheet HTML 18Page - STMicroelectronics STV0056AF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Audio
Pins 51 - 52
PK OUT R
PK OUT L
Peak Detector
5k
Ω
3.4V
Clamp
1
1
V
DD 9V
Figure 8
Pin 55 - 57
FC L - FC R
1
1
V
DD 9V
Ivar
Figure 9
Audio
2.4V Bias
GND 0V
Pins 5 - 7 - 23 - 24
S2 OUT L
S2 OUT R
S3 OUT L
S3 OUT R
20k
Ω
Figure 11
50
µA
Pins 17 - 18 - 20 - 21
S2 RTN L - S2 RTN R
S3 RTN L - S3 RTN R
4.8V
25k
Ω
Figure 12
Audio
2.4V Bias
30k
Ω
GND 0V
30k
Ω
Pins 62 - 3
VOL OUT R
VOL OUT L
15k
Ω
4.8V
Figure 10
50
µA
FM IN
2.4V
10k
Ω
10k
Ω
Left Channel
Right Channel
19
50
µA
Figure 13
1
2.4V
I
REF
50
Figure 14
PK OUT R, PK OUT L
FC L, FC R
Ivar is controlled by the peak det audio level max.
±15µA (1VPP audio).
VOL OUT R, VOL OUT L
Audio output with volume and scart driver with
+12dB of gain for up to 2VRMS. The opamp has a
push-pull output stage.
S2 OUT L, S2 OUT R, S3 OUT L, S3 OUT R
Same as above but with gain fixed at +6dB.
S2 RTN L, S2 RTN R, S3 RTN L, S3 RTN R
4.8V bias voltage is the same as the bias level on
the audio outputs.
FM IN
The other input for each channel is internallybiased
in the same way via 10k
Ω to the 2.4V VREF.
IREF
The optimum value if IREF is 50
µA ±2% so an
external resistor of 47.5k
Ω ±1% is required.
180
µ/2µ
MUX
100
µ/2µ
I/O/22kHz
10
µ/2µ
91
µ/2µ
205
Ω
ESD
IIC Reg
22kHz
25
Figure 15
I/O / 22kHz
The input is TTL compatible.
The output is tri-stateable.
PIN INTERNAL CIRCUITRY (continued)
SCL
This is the input to a Schmitt input buffer made with
a CMOS amplifier.
SCL
24
µ/4µ
205
Ω
ESD
26
Figure 16
STV0056AF
15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com